công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH58TDG-R

  • AI
    The **MH58TDG-R** is an electronic component primarily classified as a **Rectifier Diode**, specifically designed for high-voltage and high-speed switching applications. It is commonly found in power supplies, monitors, and television sets. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for this part: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Rectifier Diode | High Voltage Silicon Rectifier | | **Max Peak Reverse Voltage ($V_{RRM}$)** | 1500V - 1700V | Maximum voltage the diode can withstand in reverse bias. | | **Average Forward Current ($I_F$)** | ~1.0A - 1.5A | The amount of current it can handle in forward bias. | | **Forward Voltage Drop ($V_F$)** | ~1.2V | The voltage lost across the diode when conducting. | | **Reverse Recovery Time ($t_{rr}$)** | Fast | Optimized for high-frequency switching. | | **Package Type** | DO-201AD / DO-27 | Axial leaded plastic package. | --- ### 2. Physical and Structural Features * **Encapsulation:** It is usually housed in a molded plastic case that is flame retardant (UL 94V-0 rated). * **Terminals:** Plated axial leads, solderable per MIL-STD-202 standards. * **Polarity:** A color band denotes the **Cathode** end. * **Mounting:** Through-hole mounting on Printed Circuit Boards (PCBs). --- ### 3. Common Applications Due to its high voltage rating and fast response time, the MH58TDG-R is used in: 1. **Horizontal Deflection Circuits:** Specifically in CRT (Cathode Ray Tube) monitors and TVs. 2. **Switch Mode Power Supplies (SMPS):** Used for rectification in the secondary stage. 3. **High Voltage Clamping:** Protecting sensitive components from voltage spikes. 4. **Inverters:** Managing DC to AC conversion paths. --- ### 4. Replacement and Equivalents If the MH58TDG-R is unavailable, technicians often look for diodes with similar or higher voltage and current ratings, such as: * **RU4DS** * **BY359-1500** * **ER506** (Depending on the specific circuit requirements) ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Fast Recovery' time in this diode compared to standard diodes?
    • ⤷ Can this diode be used in a bridge rectifier configuration for high-voltage DC power?
    • ⤷ What are the specific thermal considerations when mounting this axial leaded package?