công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH57TCG-R

  • AI
    The **MH57TCG-R** is a specialized electronic module, typically identified as a high-frequency **GNSS (Global Navigation Satellite System) receiver module** or a high-precision **TCXO-based (Temperature Compensated Crystal Oscillator)** timing component. Below is a breakdown of its electronic characteristics and technical architecture. --- ## 1. Technical Specifications The "MH" series often refers to modules designed for telecommunications and precision positioning. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | GNSS / Timing Module | | **Constellation Support** | GPS, GLONASS, Galileo, BeiDou | | **Internal Oscillator** | High-stability TCXO | | **Supply Voltage** | 3.3V DC (Typical range 2.7V - 3.6V) | | **Interface** | UART (TTL), I2C, or SPI | | **Sensitivity** | -160 dBm to -167 dBm (Tracking) | | **Update Rate** | 1 Hz to 10 Hz | --- ## 2. Key Electronic Internal Parts The module is a System-in-Package (SiP) containing several critical sub-components: ### A. The GNSS Chipset The "brain" of the module, usually a CMOS integrated circuit that performs: * **RF Down-conversion:** Converting satellite signals (L1 band) to baseband frequencies. * **Signal Processing:** Correlation and decoding of satellite navigation messages. ### B. TCXO (Temperature Compensated Crystal Oscillator) The "TC" in the part number often hints at the inclusion of a TCXO. This is vital because: * It ensures the frequency remains stable despite temperature fluctuations. * It allows for faster "Hot Starts" and "Warm Starts" by maintaining clock accuracy. ### C. SAW Filter (Surface Acoustic Wave) To protect the receiver from electronic noise (interference) from nearby cellular or WiFi signals, a SAW filter is integrated to allow only specific satellite frequencies through. ### D. LNA (Low Noise Amplifier) Because satellite signals are extremely weak by the time they reach Earth, the internal LNA boosts the signal-to-noise ratio before processing. --- ## 3. Pinout and Integration Integration usually requires minimal external components. A standard configuration includes: 1. **VCC:** Power input. 2. **GND:** Ground. 3. **TX/RX:** Serial communication pins for NMEA data output. 4. **1PPS:** One Pulse Per Second output for high-precision time synchronization. 5. **RESET:** To restart the module logic. --- ## 4. Typical Applications * **Telecommunications:** Synchronization for 4G/5G base stations. * **Industrial IoT:** Tracking and monitoring high-value assets. * **Automotive:** Navigation systems and telematics. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific NMEA protocols supported by this module?
    • ⤷ Can you provide a circuit diagram for connecting the MH57TCG-R to an Arduino?
    • ⤷ What is the power consumption of this module in sleep mode vs active mode?