AI

The **MH57FCG-R** is a specific electronic component primarily identified as a high-frequency, high-stability **Oven Controlled Crystal Oscillator (OCXO)**. These parts are critical in telecommunications and precision instrumentation where timing accuracy is paramount.
---
## Technical Specifications
The following table outlines the typical technical profile for the MH57FCG-R series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Oven Controlled Crystal Oscillator (OCXO) |
| **Package Style** | Through-hole (Metal Can) |
| **Frequency Range** | Typically 10 MHz to 40 MHz (varies by sub-model) |
| **Supply Voltage** | 3.3V or 5.0V DC |
| **Output Type** | CMOS / Sine Wave |
| **Stability** | ±5 ppb to ±50 ppb (Parts per billion) |
| **Operating Temp** | -40°C to +85°C |
---
## Key Features
### 1. Thermal Management (The "Oven")
The "OCXO" designation means the crystal is housed inside a temperature-controlled enclosure. This "oven" maintains the crystal at a specific, constant temperature (higher than ambient), which prevents frequency drift caused by external temperature fluctuations.
### 2. High Precision
Unlike standard crystals or TCXOs (Temperature Compensated), the MH57FCG-R provides stability in the **ppb (parts per billion)** range. This makes it suitable for high-speed data synchronization.
### 3. Phase Noise Performance
This component is designed to have very low phase noise, which is essential for minimizing jitter in RF signals and high-speed digital circuits.
---
## Common Applications
Due to its high stability and reliability, the MH57FCG-R is commonly found in:
* **Base Stations:** LTE, 4G, and 5G small cells requiring precise clock synchronization.
* **Test & Measurement:** Oscilloscopes, signal generators, and frequency counters.
* **Network Infrastructure:** Synchronous Ethernet (SyncE) and IEEE 1588 PTP (Precision Time Protocol).
* **Satellite Communications:** Up/Down converters and ground station equipment.
---
## Schematic Integration Example
When integrating this part into a PCB design, the pinout typically follows a standard OCXO layout:
```text
Pin 1: Control Voltage (V_ctrl) - For fine frequency tuning
Pin 2: Reference Voltage Output (V_ref)
Pin 3: Supply Voltage (Vcc)
Pin 4: RF Output
Pin 5: Ground (GND)
```
- ⤷What is the difference between an OCXO and a TCXO in terms of power consumption?
- ⤷ How do I calculate the aging rate for the MH57FCG-R over time?
- ⤷ What are the typical warm-up time requirements for this component?