công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH55TBD-R

  • AI
    The **MH55TBD-R** is a high-performance, high-definition professional display module (specifically an **LFD - Large Format Display**) manufactured by **Samsung**. These units are primarily used in video wall configurations for commercial environments. --- ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Panel Type** | D-LED DID (Direct-LED Digital Information Display) | | **Screen Size** | 55 Inches | | **Resolution** | 1920 x 1080 (Full HD) | | **Brightness** | 500 cd/m² (Typical) | | **Contrast Ratio** | 4000:1 | | **Bezel Width** | Extreme Narrow Bezel (approx. 1.7mm - 3.5mm combined) | --- ### 2. Key Electronic Components The MH55TBD-R consists of several critical electronic sub-systems that allow it to function 24/7 in a daisy-chain configuration: #### A. The Main Logic Board (AD Board) The "brain" of the unit. It handles signal processing and scaling. * **Video Scaler:** Converts incoming signals (HDMI, DisplayPort) to the panel's native resolution. * **Daisy Chain Logic:** Features DisplayPort 1.2 Loop-out circuitry, allowing one UHD source to be spread across multiple screens without an external splitter. #### B. The Power Supply Unit (PSU) * **Industrial Grade:** Designed for 24/7 operation. * **PFC (Power Factor Correction):** Improves energy efficiency and reduces heat. * **Output Rails:** Provides stable DC voltages (usually 12V and 24V) to the mainboard and the LED backlight driver. #### C. T-CON (Timing Controller) Board * This board translates the digital data from the mainboard into the specific voltage signals required by the LCD pixels. * In this specific model, the T-CON is optimized for high refresh rates to minimize motion blur in digital signage. #### D. LED Driver / Inverter * Controls the **Direct-LED (D-LED)** backlight array. * Manages "Local Dimming" or uniform brightness across the entire 55-inch surface to ensure the video wall looks seamless. --- ### 3. Connectivity Interface The electronic I/O (Input/Output) panel includes: * **Digital Inputs:** HDMI 2.0, DisplayPort 1.2, DVI-D. * **Control Ports:** RS232C (via stereo jack) and RJ45 for remote management via network. * **Audio:** 3.5mm Stereo Mini Jack. --- ### 4. Special Features for Video Walls 1. **ACM (Advanced Color Management):** Internal circuitry that allows for fine-tuning of the white balance and color uniformity across multiple displays. 2. **Heat Sensors:** Electronic thermistors that monitor internal temperature and trigger cooling fans or throttle brightness to prevent panel "burn-in" or "blackening."
    ✨ Follow-up Questions
    • ⤷What are the most common failure points in the MH55TBD-R electronics?
    • ⤷ How do you configure the RS232C control for this specific model?
    • ⤷ What is the difference between the 'R' suffix and previous versions of this display?