công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH53FBG-R

  • AI
    The **MH53FBG-R** is a specific electronic component typically identified as a **Hall Effect Sensor IC**, often manufactured by companies like Mitsumi. It is primarily used for non-contact position sensing, speed detection, and switching in consumer electronics. --- ## 1. Technical Specifications The following table outlines the general electronic characteristics of the MH53FBG-R: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Hall Effect IC (Unipolar/Bipolar) | | **Operating Voltage** | 2.4V to 6.0V DC | | **Output Type** | Open Collector (requires pull-up resistor) | | **Magnetic Sensitivity** | High Sensitivity (Low Gauss threshold) | | **Package Type** | SOT-23 or similar surface-mount package | | **Current Consumption** | Low power (typically < 5mA) | --- ## 2. Key Electronic Features * **Magnetoelectric Conversion:** It converts magnetic flux density into an electrical signal. When a magnetic field of sufficient strength approaches the sensor, the output voltage drops (Active Low). * **Internal Circuitry:** * **Hall Element:** The core sensing material. * **Amplifier:** Boosts the weak Hall voltage. * **Schmitt Trigger:** Provides hysteresis to prevent "chatter" or noise at the switching threshold. * **Output Driver:** An NPN transistor that acts as a switch. * **Temperature Stability:** Designed to maintain consistent magnetic trigger points across a wide temperature range. --- ## 3. Pin Configuration & Application The device typically follows a standard 3-pin configuration for surface-mount Hall sensors: 1. **VDD:** Power Supply Input. 2. **GND:** System Ground. 3. **OUT:** Signal Output (connects to a Microcontroller or Relay). ### Common Applications * **Smart Covers:** Detecting the opening/closing of laptop lids or tablet covers. * **Brushless DC Motors (BLDC):** Providing rotor position feedback. * **Rotary Encoders:** Counting revolutions in knobs or mechanical wheels. * **Proximity Sensing:** Detecting the presence of a magnetic part in automated machinery. --- ## 4. Usage Precautions * **Pull-up Resistor:** Since the output is Open Collector, you must place a resistor (usually 10kΩ) between the **OUT** pin and **VDD** to read a logic high signal. * **Magnetic Polarity:** Depending on whether it is Unipolar or Bipolar, the sensor may only respond to the South pole of a magnet. Ensure the magnet orientation matches the sensor face.
    ✨ Follow-up Questions
    • ⤷ What is the difference between unipolar and bipolar Hall effect sensors?
    • ⤷ How do I calculate the pull-up resistor value for an open collector output?
    • ⤷ Can the MH53FBG-R be used in automotive environments?