MH51TCG-R
AI

The **MH51TCG-R** is a specific electronic component typically identified as a **Micro-Switch** or **Tactile Switch**, often utilized in industrial controls, automotive interfaces, or specialized peripheral devices.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The MH51 series is known for its compact surface-mount (SMD) design and high durability.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Tactile Switch / Push Button |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Circuitry** | SPST (Single Pole Single Throw) - Normally Open |
| **Operating Force** | 1.6N to 2.5N (Model dependent) |
| **Contact Rating** | 50mA @ 12V DC |
| **Travel Distance** | 0.25mm ± 0.1mm |
---
### 2. Key Electronic Parts & Construction
The internal architecture of the MH51TCG-R consists of several critical layers:
1. **The Actuator (Stem):** The physical button pressed by the user. In the "TCG" variant, this is often made of high-temperature thermoplastic to withstand reflow soldering.
2. **Contact Dome (Snap Plate):** A stainless steel or phosphor bronze disc that provides the "click" feel (tactile feedback) and completes the electrical circuit when depressed.
3. **Base (Housing):** An insulating resin base that holds the terminals in place.
4. **Terminals:** Silver-plated or Gold-plated leads that provide electrical connectivity to the PCB.
5. **Cover/Frame:** A metal shield (often stainless steel) that protects the internal mechanism and provides structural integrity.
---
### 3. Electrical Characteristics
* **Contact Resistance:** Typically less than 100mΩ initially.
* **Insulation Resistance:** 100MΩ minimum (at 100V DC).
* **Dielectric Strength:** 250V AC for 1 minute (ensures no leakage between terminals).
* **Bounce Time:** Usually < 5ms (important for software debouncing in microcontrollers).
---
### 4. Application Areas
Because of the "R" designation (often implying **Tape & Reel** packaging for automated assembly), this part is commonly found in:
* **Consumer Electronics:** Remote controls, cameras, and wearable tech.
* **Industrial:** Reset buttons on PLC modules or interface panels.
* **Automotive:** Steering wheel buttons or dashboard controls.
---
### 5. Symbol and Footprint
In electronic design software (like Altium or KiCad), the part is represented as:
```text
Terminal 1 o-------/ --------o Terminal 2
(Normally Open)
```
- ⤷
What is the maximum operating temperature for the MH51TCG-R?
- ⤷ How do I implement a debouncing circuit for this switch?
- ⤷ What are the dimensions of the SMD footprint for this part?