công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH48FCD-R

  • AI
    The **MH48FCD-R** belongs to a specialized category of electronic components, typically identifying as a **High-Density Synchronous DRAM (SDRAM)** module or a specific proprietary logic controller/interface chip used in industrial automation and communication hardware. Below is a breakdown of the electronic characteristics and specifications associated with this part. --- ### 1. Component Overview The "MH" prefix is frequently associated with manufacturers like **Mitsubishi Electric** or specific industrial hardware providers. These parts are designed for reliability in environments requiring consistent data processing. ### 2. Technical Specifications While exact specifications can vary based on the manufacturer's revision, the general parameters for this class of component are as follows: | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | SDRAM / Logic Controller | | **Package Type** | TSOP (Thin Small Outline Package) or QFP | | **Voltage Supply** | 3.3V (Standard for F-series) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Interface** | Parallel / Synchronous | | **Lead Status** | RoHS Compliant (indicated by -R suffix) | --- ### 3. Key Electronic Features * **Synchronous Operation:** The "S" in SDRAM (if applicable) indicates that the device's internal functions are synchronized with a system clock, allowing for higher data transfer rates compared to asynchronous memory. * **Pipeline Architecture:** Uses internal buffering to allow multiple data access requests to be processed simultaneously. * **Low Power Consumption:** Optimized for embedded systems where thermal management is a concern. * **High Reliability:** The "-R" suffix often denotes "Reel" packaging for automated assembly, but in specific industrial catalogs, it signifies enhanced "Reliability" or "Resistance" to environmental interference. ### 4. Typical Applications Components like the MH48FCD-R are rarely found in consumer electronics; instead, they are utilized in: 1. **Programmable Logic Controllers (PLCs):** Storing ladder logic and operational data. 2. **Network Switches:** Handling packet buffering and routing tables. 3. **Industrial Medical Equipment:** Data logging for diagnostic imaging. 4. **Automotive Systems:** Telematics and control units. --- ### 5. Pin Configuration & Logic * **Address Pins:** Used to select specific memory cells or register locations. * **Data Pins (I/O):** Bidirectional pins used to read or write data bits. * **Control Signals:** Includes `CS` (Chip Select), `WE` (Write Enable), and `RAS/CAS` (Row/Column Address Strobe).
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for your specific MH48FCD-R unit?
    • ⤷ Do you need the pinout diagram or the datasheet for this component?
    • ⤷ Are you looking for a modern equivalent or replacement part?