công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH46TDD-R

  • AI
    The **MH46TDD-R** is a specialized high-power electronic component, typically identified as a **Solid State Relay (SSR)** or a Power Module manufactured by companies like **Microsemi** or specialized industrial power electronics firms. It is designed to switch heavy electrical loads without moving parts. --- ## 1. Technical Specifications Below are the primary electrical characteristics commonly associated with this series of power modules: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Solid State Relay / Thyristor Module | | **Input Control Voltage** | 3 - 32 VDC (Standard Logic Level) | | **Output Load Voltage** | 48 - 480 VAC | | **Maximum Load Current** | 40A to 60A (Depending on cooling) | | **Switching Type** | Zero-Cross Switching (Reduces EMI) | | **Isolation** | Optical Isolation (Input to Output) | --- ## 2. Key Internal Electronic Parts The MH46TDD-R functions through a combination of several internal electronic stages: ### A. Input Stage (Optical Isolation) * **Optocoupler:** An internal LED and phototransistor pair. When control voltage is applied, the LED lights up, triggering the phototransistor. This ensures the high-voltage AC side is electrically separated from the low-voltage DC control side. ### B. Trigger Circuit * **Zero-Crossing Detector:** This circuit monitors the AC sine wave. It ensures the device only turns "ON" when the AC voltage is near zero, preventing large current spikes and protecting the load. ### C. Power Output Stage * **Back-to-Back Thyristors (SCRs):** Two Silicon Controlled Rectifiers are used to handle the high-power AC switching. These are the "muscles" of the part, handling the high amperage. --- ## 3. Physical Construction & Thermal Management Because this part handles high current, its physical design is critical for durability: * **Integrated Heat Sink Base:** The bottom plate is usually made of aluminum or copper to transfer heat away from the internal thyristors. * **Epoxy Encapsulation:** The internal circuits are potted in a flame-retardant epoxy to protect against vibration, moisture, and dust. * **Screw Terminals:** Robust screw-type connectors are used to ensure a low-resistance connection for high-current cables. --- ## 4. Common Applications The MH46TDD-R is frequently found in industrial environments such as: 1. **Heating Control:** Managing PID-controlled electric heaters in plastic injection molding. 2. **Motor Control:** Soft starting or cycling industrial fans and pumps. 3. **Lighting Arrays:** Switching large-scale commercial lighting systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Random-Fire switching in this module?
    • ⤷ How should a heat sink be sized for a 40A load using the MH46TDD-R?
    • ⤷ What are the common failure modes of this Solid State Relay?