công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH46FBG-R

  • AI
    The **MH46FBG-R** is an electronic component primarily classified as a **Bipolar Junction Transistor (BJT)**, specifically a high-voltage NPN transistor. It is commonly utilized in power management circuits, switching applications, and motor drivers. --- ## 1. Core Technical Specifications The following table highlights the fundamental electrical characteristics of the MH46FBG-R: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Type** | - | NPN | - | | **Collector-Emitter Voltage** | $V_{CEO}$ | 400 - 600 | V | | **Collector Current (Continuous)** | $I_C$ | 4.0 - 6.0 | A | | **Total Power Dissipation** | $P_D$ | 30 - 50 | W | | **Operating Temperature** | $T_j$ | -55 to +150 | °C | | **Package Style** | - | TO-220 / TO-220F | - | --- ## 2. Key Features * **High Voltage Capability:** Designed to handle significant collector-emitter voltages, making it suitable for AC-to-DC conversion tasks. * **High Switching Speed:** Optimized for fast transitions, which reduces power loss during switching cycles. * **Low Saturation Voltage:** Ensures efficiency by minimizing heat generation when the transistor is in the "ON" state. * **Robustness:** Often features an isolated package (if suffix indicates 'F') to prevent electrical shorts to the heatsink. --- ## 3. Circuit Applications This component is versatile and is typically found in the following electronic assemblies: ### Power Supplies * **SMPS (Switching Mode Power Supplies):** Used as the primary switching element to convert input voltages. * **Voltage Regulators:** Acts as a pass element in high-voltage regulation circuits. ### Lighting and Motors * **Electronic Ballasts:** Used in fluorescent lighting circuits. * **Motor Control:** Driving small to medium DC motors or acting as a relay driver in industrial automation. --- ## 4. Pinout Configuration For a standard TO-220 package (facing the labeled side), the pinout is generally: 1. **Base (B):** The trigger pin that controls the flow of current. 2. **Collector (C):** The entry point for the high-voltage load. 3. **Emitter (E):** The exit point for the current (grounded in common-emitter setups). ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the MH46FBG-R?
    • ⤷ How does the 'R' suffix affect the component's thermal specifications?
    • ⤷ Can this transistor be used directly with a 3.3V microcontroller signal?