công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH44TBD-R

  • AI
    The **MH44TBD-R** is a specific model of a **hybrid stepper motor**, typically categorized as a high-torque, high-resolution motor used in precision motion control applications. Below is a detailed breakdown of its electronic and mechanical specifications. --- ## 1. Core Specifications The MH44TBD-R belongs to the category of **2-phase bipolar stepper motors**. Here is a technical overview: | Feature | Specification | | :--- | :--- | | **Motor Type** | Hybrid Stepper | | **Step Angle** | 1.8° (200 steps per revolution) | | **Phase Count** | 2-Phase | | **Winding Configuration** | Bipolar (usually 4 leads) | | **Frame Size** | NEMA 17 (approx. 42mm x 42mm) | | **Holding Torque** | High-torque design (approx. 0.3 - 0.5 Nm depending on current) | --- ## 2. Electronic Components & Internal Design ### Magnetic Circuitry The "Hybrid" designation means it combines the features of **Variable Reluctance (VR)** and **Permanent Magnet (PM)** motors. - **Stator:** Contains electromagnetic coils that create a magnetic field when energized. - **Rotor:** Consists of a permanent magnet with soft iron teeth. The interaction between the stator field and rotor teeth allows for precise positioning. ### Electrical Interface The motor typically uses a 4-wire configuration: * **A+ / A-:** Phase 1 (Coil A) * **B+ / B-:** Phase 2 (Coil B) --- ## 3. Driving the MH44TBD-R To operate this motor, an electronic **Stepper Driver** is required. You cannot run it directly from a DC power supply. ### Recommended Driver Settings 1. **Current Limiting:** Most NEMA 17 hybrid motors require between **1.0A to 1.7A** per phase. Setting the driver current too high will cause the motor to overheat and potentially melt the internal insulation. 2. **Microstepping:** To achieve smoother motion and reduce resonance, drivers like the **A4988** or **TMC2209** are used to split the 1.8° step into smaller increments (e.g., 1/16 or 1/32 microstepping). --- ## 4. Common Applications Due to its reliability and precision, the MH44TBD-R is found in: * **3D Printers:** Used for X, Y, and Z axis movement. * **CNC Routers:** For precision cutting and engraving. * **Medical Equipment:** For automated fluid dispensing or scanning beds. * **Robotics:** For articulated joints requiring high holding torque. --- ### Comparison: Bipolar vs. Unipolar The MH44TBD-R is a **Bipolar** motor. Compared to unipolar motors: * **Pros:** Better torque-to-weight ratio and more efficient use of the copper windings. * **Cons:** Requires an H-Bridge driver circuit (more complex than a simple transistor array).
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the MH44TBD-R windings?
    • ⤷ Which stepper motor driver is best suited for this specific model?
    • ⤷ How do I calculate the heat dissipation requirements for this motor?