công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH43TCG-R

  • AI
    The **MH43TCG-R** is a specific model identifier typically associated with **TETRA (Terrestrial Trunked Radio) base station components**, specifically a multi-coupler or a receiver multicoupler shelf used in critical communication infrastructure. Below is a breakdown of its electronic characteristics and technical functions. --- ## 1. Core Technical Specifications These devices are designed to manage the Radio Frequency (RF) signals between the antenna and multiple transceivers. | Feature | Description | | :--- | :--- | | **Application** | TETRA Base Station (TETRA BTS) | | **Frequency Range** | Typically 380–470 MHz (standard TETRA bands) | | **Component Type** | Receiver Multicoupler / RF Distribution | | **Interface** | High-precision RF Connectors (usually N-type or SMA) | | **Mounting** | 19-inch Rack Mountable | --- ## 2. Key Electronic Parts and Functions The MH43TCG-R consists of several critical sub-systems to ensure signal integrity: ### A. Low Noise Amplifiers (LNA) * **Purpose:** Since the signal from the antenna is split into multiple paths, signal loss occurs. The LNA compensates for this loss without adding significant noise. * **Technology:** Often utilizes GaAs (Gallium Arsenide) FETs for high sensitivity and low noise figures. ### B. Power Dividers / Splitters * **Purpose:** Distributes the incoming signal from a single RX (Receive) antenna to multiple radio carriers (transceivers). * **Electronic Property:** Designed for high isolation between ports to prevent interference between different radio units. ### C. Filtering Stages * **Bandpass Filters:** Ensures that only the authorized TETRA frequencies pass through, protecting the receivers from out-of-band interference (like cellular or FM signals). * **Pre-selectors:** High-Q cavity filters or ceramic filters are often used to minimize insertion loss. ### D. Power Supply Unit (PSU) * **Voltage:** Usually operates on -48V DC (standard for telecom) or 12V/24V DC depending on the specific shelf configuration. * **Protection:** Includes surge protection and EMI (Electromagnetic Interference) shielding to prevent power line noise from affecting RF performance. --- ## 3. Physical & Signal Layout ```mermaid graph LR A[Antenna Input] --> B[Protective Limiter] B --> C[Bandpass Filter] C --> D[LNA - Low Noise Amp] D --> E[Power Splitter] E --> F1[RX Output 1] E --> F2[RX Output 2] E --> F3[RX Output 3] E --> F4[RX Output 4] ``` --- ## 4. Maintenance and Diagnostic Components The "R" in the suffix often denotes specific revisions or "Redundancy" features. These parts include: * **Alarm Circuits:** Built-in sensors to detect LNA failure or power drops. * **LED Indicators:** Visual status for "Power," "Alarm," and "Active Path." * **Test Ports:** Dedicated RF ports for measuring signal levels without disconnecting the live system.
    ✨ Follow-up Questions
    • ⤷ What are the typical gain and noise figure values for this multicoupler?
    • ⤷ How does the MH43TCG-R handle redundancy in high-availability TETRA networks?
    • ⤷ Which specific frequency band does the '43' in the model name represent?