MH41TDG-R
AI

The **MH41TDG-R** is a specific electronic component typically identified as a **Phototriac Coupler** (also known as an Optoisolator with a Triac output), manufactured by companies like **Cosmo Electronics**.
These components are essential for providing electrical isolation between a low-power control circuit (like a microcontroller) and a high-power AC load.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical technical parameters for this part:
| Parameter | Description | Typical Value |
| :--- | :--- | :--- |
| **Output Type** | Phototriac | AC Switching |
| **Isolation Voltage** | Protection between Input/Output | 5000 Vrms |
| **Peak Blocking Voltage** | Max voltage in "OFF" state | 400V or 600V |
| **Trigger Current ($I_{FT}$)** | Current needed to turn it on | 5mA to 10mA |
| **Zero-Cross Circuit** | Switching synchronization | Typically **Non-Zero Cross** |
| **Package Type** | Physical casing | DIP-4 or SMD-4 |
---
### 2. Internal Components
The MH41TDG-R consists of two primary internal electronic parts:
1. **Input (Infrared LED):** When current flows through the input pins, this LED emits infrared light.
2. **Output (Phototriac):** A light-sensitive Triac that detects the infrared light and becomes conductive, allowing AC current to flow through the output pins.
---
### 3. Connection Diagram (General)
The typical pinout for a 4-pin device in this series is as follows:
```text
Pin 1: Anode (LED Input +)
Pin 2: Cathode (LED Input -)
Pin 3: Main Terminal (Triac Output)
Pin 4: Main Terminal (Triac Output)
```
---
### 4. Common Applications
Due to its high isolation and AC switching capabilities, it is used in:
* **Solid State Relays (SSR):** Acting as the trigger mechanism.
* **Home Appliances:** Controlling fans, heaters, or motors.
* **Industrial Controls:** Interfacing PLCs with AC contactors.
* **Lighting Dimming:** Specifically the non-zero cross versions used for phase-angle control.
---
- ⤷
What is the difference between zero-cross and non-zero cross phototriacs?
- ⤷ What is the recommended series resistor value for the input LED at 5V?
- ⤷ Can this component be used to switch DC loads?