công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH41FAG-R

  • AI
    The **MH41FAG-R** is a specific type of **Hall Effect Sensor IC** (Integrated Circuit). These components are primarily used to detect the presence, strength, and polarity of magnetic fields and convert that information into an electrical signal. --- ## 1. Technical Specifications Below are the typical characteristics associated with the MH41FAG-R series: | Parameter | Description / Value | | :--- | :--- | | **Sensor Type** | Hall Effect (Bipolar Latch or Unipolar) | | **Output Type** | Open-Drain / Digital | | **Operating Voltage** | Typically 3.0V to 24V DC | | **Output Current** | ~25mA to 50mA | | **Package Type** | SOT-23 (Surface Mount) or TO-92S (Through-hole) | | **Temperature Range** | -40°C to +125°C (Industrial Grade) | --- ## 2. Pinout Configuration For the most common **SOT-23** package, the pinout is generally structured as follows: 1. **VDD (Supply):** Connects to the positive power source. 2. **OUT (Output):** The signal pin that switches state based on the magnetic field. 3. **GND (Ground):** Connects to the system ground. --- ## 3. How It Works (The Hall Effect) The MH41FAG-R operates on the principle of the Hall Effect: * **Magnetic Sensing:** When a magnetic south pole approaches the branded side of the sensor, the internal circuitry detects a change in voltage across the conductor. * **Switching:** Once the magnetic flux density exceeds the "Operating Point" (Bop), the output transistor turns on (pulling the signal low). * **Release:** When the magnetic field is removed or reversed (depending on if it is a Latch or Switch type), the output returns to its high-impedance state. ### Code Example: Basic Arduino Interface To read the state of this sensor, you can use a simple digital read script: ```cpp const int hallPin = 2; // Pin connected to Sensor OUT int sensorState = 0; // Variable for reading status void setup() { pinMode(hallPin, INPUT_PULLUP); // Use internal pull-up resistor Serial.begin(9600); } void loop() { sensorState = digitalRead(hallPin); if (sensorState == LOW) { Serial.println("Magnet Detected!"); } else { Serial.println("No Magnet"); } delay(100); } ``` --- ## 4. Common Applications * **BLDC Motors:** Used to sense the position of the rotor for commutation. * **Speed Sensing:** Measuring the RPM of fans or wheels by counting pulses. * **Proximity Switching:** Non-contact switches for lids, doors, or limit sensing in 3D printers. * **Current Sensing:** Indirectly measuring current by detecting the magnetic field around a wire.
    ✨ Follow-up Questions
    • ⤷What is the difference between a Unipolar and a Bipolar Hall Effect sensor?
    • ⤷ Why is a pull-up resistor required for the Open-Drain output of this sensor?
    • ⤷ Can this sensor be used to measure the exact distance of a magnet?