công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH38TAG-R

  • AI
    The **MH38TAG-R** is an integrated circuit (IC) primarily used in audio applications, specifically as a **Music/Sound Generator** or "Melody IC." These components are commonly found in greeting cards, toys, doorbells, and simple alarm systems. --- ### ## Technical Overview The MH38TAG-R is designed to store a pre-programmed melody in its internal Read-Only Memory (ROM) and output it as a pulse-width modulated (PWM) or analog signal to drive a small speaker or buzzer. | Feature | Specification (Typical) | | :--- | :--- | | **Operating Voltage** | 1.5V to 4.5V DC | | **Output Type** | PWM / Direct Drive for Piezo or Speaker | | **Package Type** | TO-92 or COB (Chip on Board) | | **Trigger Type** | One-shot or Level Hold | | **Standby Current** | Low micro-amp range (< 1µA) | --- ### ### Key Electronic Components & Pins If you are looking at the MH38TAG-R in a **TO-92 package** (looks like a small transistor), the pinout generally follows this structure: 1. **VSS (GND):** The negative power supply connection. 2. **VDD (V+):** The positive power supply connection. 3. **OUT:** The audio output signal. 4. **Trigger (Optional):** Some variants include a trigger pin to start the melody. --- ### ### Typical Application Circuit To use the MH38TAG-R, a minimal circuit is required. Since it is a low-power device, it usually requires a transistor to amplify the sound for a speaker. ```c // Basic Circuit Logic [Power +] ----+---- [VDD Pin] | [Button] --- [Trigger Pin] | [Power -] ----+---- [VSS Pin] | [OUT Pin] ----+---- [Base of NPN Transistor] | [Speaker] ---- [Power +] ``` ### ### Functional Characteristics * **Built-in Oscillator:** It does not require an external crystal or resonator to function; the timing is handled internally. * **ROM-Based:** The melody (e.g., "Happy Birthday," "Jingle Bells," or specific chimes) is hard-coded during manufacturing and cannot be changed by the user. * **Power Efficiency:** The IC enters a deep sleep mode automatically after the melody finishes playing, making it ideal for battery-operated devices. ---
    ✨ Follow-up Questions
    • ⤷ What are the common melody variations available for the MH38 series?
    • ⤷ How do I calculate the resistor value needed for the NPN transistor in the output stage?
    • ⤷ Can this IC drive a 8-ohm speaker directly without a transistor?