công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH31TAG-R

  • AI
    The **MH31TAG-R** is an electronic component primarily classified as an **RFID Transponder (Tag)**, commonly utilized in automotive immobilizer systems, particularly for Honda vehicles. It is designed to facilitate secure, wireless communication between a vehicle's ignition system and the key. --- ## 1. Technical Specifications Below are the primary electronic characteristics of the MH31TAG-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Passive RFID Transponder | | **Operating Frequency** | 125 kHz (LF - Low Frequency) | | **Chip Technology** | PCF7961 (or compatible NXP Hitag series) | | **Power Source** | Passive (Powered by the reader's magnetic field) | | **Modulation** | ASK (Amplitude Shift Keying) | | **Standard Application** | Honda G-Chip / ID47 replacement | --- ## 2. Key Electronic Functions ### A. Communication Protocol The device operates using a bidirectional challenge-response mechanism. When the key is inserted into the ignition or brought near the Start button: 1. The vehicle's antenna coil emits a **125 kHz electromagnetic field**. 2. The MH31TAG-R’s internal copper coil harvests this energy via **Inductive Coupling**. 3. The chip wakes up and transmits its unique encrypted ID back to the ECU (Engine Control Unit). ### B. Security & Encryption The "Electronic Part" consists of a small integrated circuit (IC) and a capacitor. It typically features: * **Non-Volatile Memory (EEPROM):** Stores the unique serial number and secret encryption keys. * **Crypto-Unit:** Handles the rolling code logic to prevent "replay attacks" where a signal is intercepted and re-used. --- ## 3. Comparison with Similar Modules | Part Number | Frequency | Typical Use Case | | :--- | :--- | :--- | | **MH31TAG-R** | 125 kHz | Integrated Remote/Transponder Key | | **PCF7936 (ID46)** | 125 kHz | Basic Ceramic Wedge Transponder | | **HITAG AES** | 125 kHz | High-security proximity keys | --- ## 4. Troubleshooting and Diagnostics If the electronic part of the MH31TAG-R fails, the vehicle will typically exhibit a "Key Not Recognized" error. 1. **Physical Integrity:** As a glass or carbon-cased transponder, internal micro-cracks in the ferrite core can cause intermittent signal failure. 2. **Frequency Interference:** Because it operates at 125 kHz, proximity to high-powered magnets or other RFID tags can cause reading errors. 3. **Programming:** The chip is "write-once" for certain memory segments; once locked to a vehicle's VIN, the electronic ID usually cannot be overwritten. ---
    ✨ Follow-up Questions
    • ⤷ How is the MH31TAG-R programmed to a specific vehicle ECU?
    • ⤷ Can the MH31TAG-R be used in keyless start (Smart Key) systems?
    • ⤷ What are the differences between the MH31TAG-R and the ID46 transponder chip?