công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH27FCG-R

  • AI
    The **MH27FCG-R** is an electronic component primarily classified as a **Hall Effect Switch** (specifically a Unipolar Hall Effect Sensor). These sensors are used to detect the presence and strength of a magnetic field to switch an output state. --- ### 1. Key Technical Specifications The following table outlines the core electrical characteristics of the MH27FCG-R: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Operating Voltage ($V_{CC}$)** | 2.5 to 26 | Volts (V) | | **Magnetic Type** | Unipolar (Sensitive to South Pole) | - | | **Output Type** | Open Drain | - | | **Operating Current** | 2.5 to 5.0 | Milliamperes (mA) | | **Operating Temperature** | -40 to +125 | Celsius (°C) | | **Package Style** | SOT-23 / TO-92S | - | --- ### 2. Pin Configuration For the most common **SOT-23** surface mount package, the pinout is typically as follows: 1. **VDD ($V_{CC}$):** Power supply input. 2. **OUT:** Open-drain output. Requires a pull-up resistor. 3. **GND:** Common ground. --- ### 3. Functional Details * **Unipolar Operation:** Unlike Bipolar sensors, this device turns "ON" when a South magnetic pole of sufficient strength ($B_{OP}$) is near the branded side of the package. It turns "OFF" when the magnetic field is removed ($B_{RP}$). * **Open-Drain Output:** This allows the sensor to interface with various logic levels (3.3V, 5V, etc.) by connecting a pull-up resistor between the `OUT` pin and the desired logic voltage. * **Built-in Protection:** It usually includes a reverse polarity protection diode and a chopper-stabilized amplifier to reduce offset voltage and improve stability across temperature ranges. --- ### 4. Common Applications Due to its reliability and wide voltage range, it is frequently used in: * **Automotive:** Seatbelt buckle detection and speed sensing. * **Industrial:** Proximity switching and limit sensing. * **Consumer Electronics:** Lid/cover detection for laptops or tablets. * **BLDC Motors:** Commutation and position sensing.
    ✨ Follow-up Questions
    • ⤷ What is the recommended value for the pull-up resistor on the OUT pin?
    • ⤷ How does the MH27FCG-R compare to a Bipolar Hall Effect sensor?
    • ⤷ Does this sensor require any external filtering capacitors for stable operation?