công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH21FBG-R

  • AI
    The **MH21FBG-R** is a specific type of **high-voltage transformer** (HVT) used primarily in microwave ovens. It is manufactured by companies like Galanz or Midea and serves as a critical power conversion component. --- ### 1. Technical Specifications The following table outlines the general parameters for this component: | Feature | Specification | | :--- | :--- | | **Component Type** | Step-Up High Voltage Transformer | | **Input Voltage** | 120V / 230V AC (Varies by region model) | | **Output (Secondary)** | ~2,000V to 2,500V AC | | **Filament Output** | ~3V to 3.4V AC | | **Operating Frequency** | 50Hz / 60Hz | | **Insulation Class** | Class R (220°C Thermal Limit) | --- ### 2. Core Electronic Functions The MH21FBG-R performs three essential tasks within a microwave circuit: 1. **Voltage Step-Up:** It transforms standard household AC voltage into high voltage (roughly 2,100V). This is necessary to excite the magnetron. 2. **Filament Powering:** It features a separate secondary winding (low voltage, high current) that provides roughly 3V to the magnetron's cathode filament to generate electrons. 3. **Circuit Completion:** It works in tandem with a high-voltage capacitor and a high-voltage diode to form a **half-wave doubler circuit**, which eventually provides the ~4,000V DC required by the magnetron. --- ### 3. Construction and Components * **Laminated Iron Core:** Uses "E-I" shaped steel laminations to reduce eddy current losses. * **Primary Winding:** Thicker wire with fewer turns connected to the oven's control board/timer. * **Secondary Winding:** Very thin wire with thousands of turns to generate the high voltage. * **Magnetic Shunts:** Small metal bars inserted between the windings to limit the current and prevent the transformer from overheating if the magnetron shorts. --- ### ⚠️ Safety Warning **High-voltage transformers are extremely dangerous.** * They can store lethal electrical charges even when the microwave is unplugged due to the attached high-voltage capacitor. * Never attempt to test or replace this part unless you are trained in high-voltage electronics and have discharged the capacitor properly.
    ✨ Follow-up Questions
    • ⤷ How do I test a MH21FBG-R transformer using a multimeter?
    • ⤷ What are the common symptoms of a failing microwave transformer?
    • ⤷ What is the difference between a Class R and Class H insulation rating?