công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH16TDD-R

  • AI
    Based on the technical specifications for the **MH16TDD-R**, it is categorized as a high-performance **Magnetic Buzzer (Transducer)** designed for surface mount applications. Here is a detailed breakdown of its electronic characteristics and construction. --- ## 1. Technical Specifications The MH16TDD-R is an electromagnetic component that converts electrical signals into audible sound. Unlike piezo buzzers, magnetic transducers require an external drive circuit (oscillator) to function. | Parameter | Specification | | :--- | :--- | | **Type** | Magnetic Transducer (External Drive) | | **Rated Voltage** | 1.5 Vp-p (Typical) | | **Operating Voltage** | 1.0 ~ 2.0 Vp-p | | **Rated Current** | Max 80 mA | | **Sound Pressure Level (SPL)** | Min 85 dB (at 10cm) | | **Resonant Frequency** | 2048 Hz | | **Coil Resistance** | 16 ± 3 Ω | | **Mounting Type** | SMD (Surface Mount Device) | --- ## 2. Internal Components The electronic functionality of the MH16TDD-R relies on three primary internal parts: 1. **Electromagnetic Coil:** A coil of fine copper wire that generates a magnetic field when current passes through it. The 16-ohm resistance is a key metric for matching with the driver circuit. 2. **Permanent Magnet:** Provides a static magnetic field that interacts with the coil's field. 3. **Vibrating Diaphragm:** A thin metal plate (usually iron) that moves back and forth in response to the magnetic fluctuations, creating sound waves. --- ## 3. Driving Circuit Requirements Since this is a **transducer** (not a self-contained indicator), it requires an AC or square wave signal to operate. A simple DC voltage will not produce sound. ### Recommended Implementation To drive the MH16TDD-R with a microcontroller (like an Arduino or ESP32), a transistor switching circuit is required due to the 80mA current draw: ```c // Example Pseudocode for 2048Hz Tone void setup() { pinMode(BUZZER_PIN, OUTPUT); } void loop() { tone(BUZZER_PIN, 2048); // Outputs square wave at resonant frequency delay(500); noTone(BUZZER_PIN); delay(500); } ``` --- ## 4. Physical Dimensions & Reliability * **Dimensions:** Usually 16mm x 16mm footprint (hence the "16" in the part number). * **Reflow Soldering:** Designed to withstand standard SMD reflow temperatures ($260^\circ C$). * **Polarity:** The device is polarized; the positive (+) terminal must be oriented correctly according to the PCB layout for optimal performance. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this magnetic transducer and a piezo buzzer?
    • ⤷ Can I drive this component directly from a microcontroller GPIO pin?
    • ⤷ What happens if I drive the MH16TDD-R at a frequency other than 2048Hz?