MH14FBG-R
AI

The **MH14FBG-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor Network** or a specific **SMD Resistor** configuration, often associated with high-reliability applications like telecommunications, medical equipment, and precision instrumentation.
Below is the detailed breakdown of its electronic characteristics and specifications.
### 1. Technical Specifications
This component is designed for stability and high accuracy. The following table highlights the typical parameters for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Thin Film Chip Resistor / Network |
| **Resistance Value** | Varies by specific suffix (e.g., 14 Ohms or coded) |
| **Tolerance** | ±0.1% to ±1% (Precision Grade) |
| **Temperature Coefficient (TCR)** | ±25 ppm/°C to ±100 ppm/°C |
| **Power Rating** | 0.1W to 0.25W (depending on package size) |
| **Operating Temperature** | -55°C to +155°C |
| **Package / Case** | Surface Mount (SMD) |
---
### 2. Key Features
* **Thin Film Technology:** Utilizes a thin layer of resistive material (usually Nichrome) sputtered onto a ceramic substrate. This provides much higher precision and lower noise compared to "Thick Film" resistors.
* **Stability:** Excellent load-life stability, meaning the resistance value changes very little over thousands of hours of use.
* **Low Noise:** High-quality thin film construction results in extremely low thermal noise, making it ideal for audio or sensor signal conditioning.
* **Miniaturization:** Designed for high-density PCB layouts where space is limited but performance cannot be compromised.
---
### 3. Application Areas
The **MH14FBG-R** is commonly found in circuits requiring "set-and-forget" accuracy:
1. **Voltage Dividers:** Where a precise ratio must be maintained between two points.
2. **Feedback Loops:** Used in Operational Amplifier (Op-Amp) circuits to define gain accurately.
3. **Industrial Controls:** For monitoring sensors where slight resistance drifts would cause measurement errors.
4. **Telecommunications:** Used in high-frequency line termination and signal processing.
---
### 4. Part Number Breakdown (General Pattern)
While manufacturers have unique codes, the suffix **"-R"** almost universally indicates **RoHS Compliance** (Lead-Free) or that the component is supplied on a **Tape and Reel** for automated pick-and-place assembly.
---
- ⤷
What is the exact resistance value and tolerance for the MH14FBG-R variant?
- ⤷ How does Thin Film technology compare to Thick Film in terms of long-term reliability?
- ⤷ What are the recommended soldering profiles for this SMD component?