công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH12FAD-R

  • AI
    The **MH12FAD-R** is an electronic component primarily classified as a **High-Frequency/Miniature Surface Mount Relay** (often part of the MH series produced by manufacturers like Fujitsu or Takamisawa). These parts are designed for signal switching in telecommunications, testing equipment, and medical instrumentation. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The "MH12FAD-R" alphanumeric code typically breaks down into specific electrical ratings: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Relay | | **Coil Voltage** | 12V DC | | **Contact Form** | DPDT (2 Form C) - Double Pole Double Throw | | **Contact Material** | Gold-overlay Silver Alloy (for low signal integrity) | | **Mounting Type** | Surface Mount (SMD) | | **Package Style** | Sealed (Washable) | --- ## 2. Key Internal Components The MH12FAD-R consists of several critical electronic sub-parts: ### A. The Electromagnetic Coil * **Function:** When 12V DC is applied, it creates a magnetic field. * **Power Consumption:** Designed for high sensitivity, usually consuming between 140mW to 200mW to preserve energy in battery-operated devices. ### B. Contact System (DPDT) * The relay contains two independent sets of contacts. * **Gold Plating:** The contacts are usually plated with gold to prevent oxidation, ensuring a low and stable contact resistance even when switching very small currents (low-level loads). ### C. Armature and Spring * A mechanical linkage that moves when the coil is energized. The "R" in the suffix often denotes high reliability or specific tape-and-reel packaging for automated assembly. --- ## 3. Applications Due to its small footprint and 12V rating, this part is commonly used in: * **Telecommunications:** Switching line signals in PABX systems. * **Measurement Tools:** Routing signals in oscilloscopes or multimeters. * **Security Systems:** Control circuits for alarm sensors. --- ## 4. Typical Footprint (SMD) The device is built to withstand **Reflow Soldering**. ```text [ TOP VIEW ] +-------------------+ | (1) (2) (3) (4) | <-- Pin Connections | | | MH12FAD-R | | | | (8) (7) (6) (5) | +-------------------+ ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum switching current for the MH12FAD-R?
    • ⤷ Is there a 5V version of this relay available?
    • ⤷ What are the pinout differences between the SMD and Through-Hole versions?