MGP50P-R100-B
AI

The **MGP50P-R100-B** is a high-precision, metal film resistor designed for applications requiring stability and low tolerance. This component belongs to the MGP series (Metal Film High Precision) typically manufactured by companies like **RCD Components**.
---
### ## Technical Specifications
The following table outlines the primary electrical and physical characteristics of the MGP50P-R100-B:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Resistance Value** | 0.100 $\Omega$ (R100) | Low resistance value |
| **Power Rating** | 0.5 Watts (1/2W) | Standard power dissipation |
| **Tolerance** | ±0.1% (B) | High precision rating |
| **Temperature Coefficient** | ±25 ppm/°C to ±100 ppm/°C | Varies by sub-series; offers high thermal stability |
| **Technology** | Metal Film | Precision thin-film deposition |
| **Lead Style** | Axial Leaded | Through-hole mounting |
---
### ### Key Features
1. **High Precision:** The "B" suffix indicates a ±0.1% tolerance, making it suitable for circuits where exact resistance is critical for performance.
2. **Low Resistance:** With a value of 0.1 $\Omega$ (R100), this resistor is often used for **current sensing** or shunt applications.
3. **Low Noise:** Metal film technology inherently provides lower thermal noise compared to carbon composition resistors.
4. **Environmental Stability:** These resistors are usually coated with a moisture-resistant epoxy or silicone to protect the resistive element from oxidation and humidity.
---
### ### Common Applications
* **Current Sensing:** Measuring current flow in power supplies or battery management systems.
* **Precision Voltage Dividers:** Ensuring accurate voltage ratios in instrumentation.
* **Medical Electronics:** Used in diagnostic equipment where signal integrity is paramount.
* **Audio Equipment:** High-end audio circuits where low noise and high fidelity are required.
---
### ### Decoding the Part Number
* **MGP:** Series name (Metal Film Precision).
* **50P:** Power rating code (equivalent to 0.50 Watts).
* **R100:** Resistance value (R denotes decimal point; $0.100 \Omega$).
* **B:** Tolerance code (±0.1%).
---
- ⤷What is the difference between metal film and metal oxide resistors?
- ⤷ How do I calculate the maximum current for a 0.1 ohm resistor at 0.5W?
- ⤷ Are there surface mount (SMD) equivalents for the MGP series?