MFS-P-A4A-R
AI

The **MFS-P-A4A-R** is a specific model within the series of **Magnetic Flow Sensors (MFS)**, typically manufactured by companies like KOBOLD or similar industrial instrumentation firms. It is designed to measure the flow of conductive liquids.
### 1. Technical Specifications
The part number breaks down into specific electronic and mechanical configurations. Below is the breakdown of its core parameters:
| Component/Feature | Specification |
| :--- | :--- |
| **Measurement Principle** | Electromagnetic (Faraday's Law) |
| **Supply Voltage** | 24 VDC (typical range 18-30 VDC) |
| **Output Signal** | 4-20 mA (Analog) + Pulse/Frequency |
| **Switching Output** | PNP/NPN Transistor (Configurable) |
| **Connection Type** | M12x1 Circular Plug (4-pin or 5-pin) |
| **Accuracy** | ±2% of full scale |
| **Pressure Rating** | Up to 10 or 16 bar (Model dependent) |
---
### 2. Core Electronic Components
The device operates based on Faraday's Law of Induction: $U = L \cdot B \cdot v$.
* **Excitation Coils:** These are internal copper windings that receive a pulsed direct current from the electronics to generate a constant magnetic field across the pipe cross-section.
* **Sensing Electrodes:** Two stainless steel or Hastelloy electrodes are flush-mounted inside the flow tube. They pick up the micro-voltage generated by the conductive fluid moving through the magnetic field.
* **Signal Converter (Integrated):** This is the "brain" of the MFS. It performs:
* **Amplification:** Boosting the micro-volt signal from the electrodes.
* **Noise Filtering:** Removing electrical interference from the surrounding environment.
* **A/D Conversion:** Transforming the analog voltage into a digital value for processing.
* **Output Stage:** A dedicated circuit that converts the processed flow data into a standard **4-20 mA loop** for PLCs and a **Frequency/Pulse output** for totalizing volume.
---
### 3. Wiring and Pin Configuration (M12 Connector)
Most "A4A-R" variants utilize a standard industrial M12 connector. The typical electronic pinout is:
| Pin | Function | Description |
| :--- | :--- | :--- |
| **1** | + L+ | +24 VDC Supply |
| **2** | Out 2 | Analog Output (4-20 mA) |
| **3** | - L- | 0V / Ground |
| **4** | Out 1 | Binary Output (Pulse or Limit Switch) |
---
### 4. Key Electronic Features
* **Empty Pipe Detection:** The electronics can sense if the electrodes are no longer submerged, preventing false readings and triggering an error signal.
* **Bi-directional Measurement:** The sensor can electronically distinguish between forward and reverse flow.
* **Temperature Compensation:** Internal sensors adjust the reading based on the thermal properties of the fluid to maintain accuracy.
- ⤷
What is the minimum liquid conductivity required for the MFS-P-A4A-R to function?
- ⤷ How do you calibrate the pulse output for a specific volume (e.g.
- ⤷ 1 pulse per liter)?
- ⤷ What are the common troubleshooting steps if the 4-20mA signal remains at 4mA?