MFS-P-A44-R/Q
AI

The **MFS-P-A44-R/Q** is a high-precision magnetic proximity sensor (safety switch) typically manufactured by brands like **Schmersal** or **Bernstein**. It is designed for monitoring the position of sliding, hinged, or removable safety guards in industrial environments.
Below is the technical breakdown of its electronic components and characteristics.
---
### 1. General Specifications
| Attribute | Specification |
| :--- | :--- |
| **Technology** | Magnetic Reed/Hall Effect (Non-contact) |
| **Output Configuration** | 2 NC (Normally Closed) / 1 NO (Normally Open) |
| **Connection Type** | M12 Connector (Q) or Hardwired Cable (R) |
| **Protection Class** | IP67 / IP69K |
| **Housing Material** | Thermoplastic / Stainless Steel (optional) |
---
### 2. Internal Electronic Parts & Logic
The device operates on electromagnetic induction principles. Unlike a standard mechanical switch, it contains no physical moving parts visible on the exterior, which prevents mechanical wear.
#### A. The Magnetic Sensing Element
* **Reed Contacts:** Most versions use hermetically sealed reed switches that react to the presence of a coded magnetic actuator.
* **Coded Logic:** The electronics are "coded," meaning the switch will only respond to a specific magnetic field pattern from the designated actuator. This prevents tampering with simple magnets.
#### B. The Output Stages
The "A44" designation typically refers to the contact configuration:
* **Safety Channels (NC):** Two independent circuits that open when the safety guard is moved.
* **Signaling Channel (NO):** A third circuit used for PLC feedback or status LEDs to indicate whether the gate is open or closed.
#### C. Connector Interface (The "Q" suffix)
* The **Q** version features an integrated **M12 plug connector**.
* Internal wiring is gold-plated to ensure low contact resistance and prevent oxidation in humid industrial environments.
---
### 3. Circuit Integration
In a safety circuit, the MFS-P-A44-R/Q is usually wired to a **Safety Relay** or a **Fail-safe PLC**.
```mermaid
graph LR
A[Actuator] -- Magnetic Field -- B[MFS Sensor]
B -- Signal 1 (NC) -- C[Safety Relay]
B -- Signal 2 (NC) -- C
B -- Status (NO) -- D[PLC/HMI]
```
### 4. Key Electronic Advantages
1. **Switching Distance:** Typically operates at a distance of 8mm (Sao) and ensures disconnection at 18mm (Sar).
2. **Galvanic Isolation:** Since it is a reed-based or dry contact system, it provides physical separation between the control voltage and the sensing logic.
3. **Voltage Rating:** Usually rated for **24 VDC**, though it can handle up to 100V AC/DC depending on the specific sub-model.
---
- ⤷
What is the pinout configuration for the M12 connector on this model?
- ⤷ Which safety actuator is compatible with the MFS-P-A44 series?
- ⤷ Can this sensor be used in explosive (ATEX) environments?