công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MFC2010-R002FT10

  • AI
    ### Component Overview: MFC2010-R002FT10 The **MFC2010-R002FT10** is a high-precision, low-resistance metal foil chip resistor. It is primarily used for **current sensing** (shunt) applications where accuracy and thermal stability are critical. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the specific electronic characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **MFC** | Series | Metal Foil Chip Resistor | | **2010** | Case Size | 2010 Imperial (5025 Metric) | | **R002** | Resistance Value | 0.002 $\Omega$ (2 m$\Omega$) | | **F** | Tolerance | $\pm 1\%$ | | **T10** | Packaging | Tape & Reel (Typically 10k or specific qty) | --- ### 2. Key Technical Specifications These parameters define how the component performs under electrical load: * **Resistance:** 2 m$\Omega$ (Milliohms). * **Power Rating:** Typically **1W to 2W** (depending on the specific manufacturer's thermal management design for the 2010 size). * **Temperature Coefficient (TCR):** Usually low (e.g., $\pm 50ppm/^\circ C$ to $\pm 100ppm/^\circ C$), ensuring the resistance doesn't drift significantly as the part heats up. * **Technology:** Metal Foil. This provides superior stability and lower noise compared to thick film resistors. * **Operating Temperature:** Generally $-55^\circ C$ to $+155^\circ C$. --- ### 3. Functional Role in a Circuit The primary function of this part is **Current Sensing**. #### How it works: 1. **Placement:** It is placed in series with the load. 2. **Ohm's Law:** As current ($I$) flows through the 2 m$\Omega$ resistor ($R$), a small voltage drop ($V$) is created ($V = I \times R$). 3. **Measurement:** A specialized IC (Current Sense Amplifier) measures this tiny voltage drop to calculate exactly how much current is being consumed by the system. --- ### 4. Common Applications Due to its low resistance and high precision, it is found in: * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in laptops or EVs. * **DC-DC Converters:** Providing feedback for over-current protection. * **Motor Control:** Sensing phase current to manage torque and speed. * **Power Supplies:** Regulating output current. --- ### 5. Layout Recommendations Because the resistance is extremely low (0.002 $\Omega$), the physical PCB layout is critical: * **Kelvin Connection (4-Terminal Sensing):** It is highly recommended to use separate traces for the current path and the voltage sensing path to avoid measuring the resistance of the PCB copper traces themselves. * **Heat Dissipation:** Ensure large copper planes are connected to the pads to act as a heatsink, as 2m$\Omega$ resistors can generate localized heat at high currents.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle if rated at 1W?
    • ⤷ How does a metal foil resistor differ from a thick film resistor in terms of performance?
    • ⤷ Can you explain how to implement a Kelvin connection for this 2010 package?