công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MFC2010-R001FT5

  • AI
    The **MFC2010-R001FT5** is a high-precision, low-resistance current sensing resistor, often referred to as a "Shunt Resistor." It is designed for measuring current flow in electronic circuits by monitoring the voltage drop across its terminals. --- ### 1. Part Number Breakdown The alphanumeric code provides specific details about the component's characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **MFC** | Series Name | Metal Foil Chip Resistor | | **2010** | Case Size | 2010 Imperial (approx. 5.0 x 2.5 mm) | | **R001** | Resistance Value | 0.001 Ohms (1 mΩ) | | **F** | Tolerance | ±1% | | **T5** | Packaging/Power | T5 (Usually refers to 5,000 pcs per reel or a specific power rating) | --- ### 2. Key Technical Specifications Below are the typical performance parameters for this electronic part: * **Resistance:** 1 mΩ (0.001 Ω). This extremely low value ensures minimal power loss and minimal interference with the circuit. * **Power Rating:** Typically **1W to 2W** (depending on the specific manufacturer's thermal management guidelines for the 2010 package). * **Technology:** Metal Foil on Ceramic. Metal foil offers superior stability and lower Temperature Coefficient of Resistance (TCR) compared to thick film resistors. * **TCR (Temperature Coefficient):** Usually ranges from **±50ppm/°C to ±100ppm/°C**, ensuring accuracy even as the component heats up. * **Operating Temperature:** Generally rated for **-55°C to +155°C**. --- ### 3. Applications and Usage This part is commonly used in power management and battery-operated devices. 1. **Battery Management Systems (BMS):** Monitoring the charge and discharge rates of Lithium-ion batteries. 2. **DC-DC Converters:** Providing feedback for current-mode control loops. 3. **Motor Control:** Detecting overcurrent conditions to protect the motor and driver. 4. **Power Supplies:** Precise load regulation and monitoring. --- ### 4. Circuit Implementation To use this part, it is typically placed in series with the load. The voltage ($V$) measured across it is converted to current ($I$) using Ohm's Law: `I = V / R` ```python # Example Calculation resistance = 0.001 # 1mOhm measured_voltage = 0.025 # 25mV measured by ADC current = measured_voltage / resistance print(f"Detected Current: {current} Amperes") # Result: 25A ``` ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative parts for the MFC2010-R001FT5?
    • ⤷ How do I calculate the maximum current this resistor can handle based on its 1W power rating?
    • ⤷ What are the soldering layout recommendations for a 2010 shunt resistor to minimize measurement error?