công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MFC2010-R001FT4

  • AI
    ### Analysis of the MFC2010-R001FT4 Electronic Component The **MFC2010-R001FT4** is a high-precision, low-resistance metal foil chip resistor, primarily used for **current sensing** applications. It is designed to handle high power loads while maintaining high stability across varying temperatures. --- ### Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Manufacturer** | Ralec (Standard) | Common manufacturer for this series | | **Package Size** | 2010 | Imperial units (approx. 5.0mm x 2.5mm) | | **Resistance Value** | 0.001 Ω (1mΩ) | "R001" indicates 1 milliohm | | **Tolerance** | ±1% | "F" indicates 1 percent precision | | **Power Rating** | 1W to 2W | Typical for 2010 metal foil series | | **Temperature Coefficient** | ±75 ppm/°C | Stability over temperature ranges | | **Technology** | Metal Foil | Provides superior reliability over thick film | --- ### Key Features * **Low Resistance (Shunt):** With a value of only 1mΩ, it is used as a shunt resistor to measure current flow with minimal voltage drop. * **High Power Dissipation:** The 2010 form factor and metal foil construction allow it to dissipate heat more effectively than standard thick-film resistors. * **Inductance:** Low internal inductance, making it suitable for high-frequency switching power supplies. * **Thermal Stability:** The metal foil technology ensures the resistance value does not drift significantly as the component heats up. --- ### Common Applications 1. **Power Management:** Used in DC-DC converters and voltage regulators to monitor output current. 2. **Battery Management Systems (BMS):** Measuring charge and discharge cycles in Lithium-ion battery packs. 3. **Motor Control:** Providing feedback loops for motor speed and torque regulation. 4. **Overcurrent Protection:** Acting as a sensor to trigger safety shut-offs when current exceeds safe limits. --- ### Typical Circuit Integration In a typical current-sensing circuit, the **MFC2010-R001FT4** is placed in series with the load. The voltage drop across the resistor ($V = I \times R$) is measured by a differential amplifier or a dedicated Current Sense Amplifier IC. ```python # Example calculation for Voltage Drop current_amps = 10.0 resistance_ohms = 0.001 # 1mOhm voltage_drop = current_amps * resistance_ohms print(f"Voltage Drop at 10A: {voltage_drop}V (10mV)") ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between metal foil and thick film resistors in current sensing?
    • ⤷ How does the 2010 package size affect the thermal management of the PCB?
    • ⤷ Can this resistor be used in AEC-Q200 automotive applications?