MFC0603-R002FT4
AI

The **MFC0603-R002FT4** is a high-precision, low-resistance shunt resistor typically used for current sensing applications. It is manufactured using metal foil technology to ensure stability and accuracy.
---
### 1. Key Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Resistance** | 2 mΩ (0.002 Ω) | Ultra-low resistance value |
| **Tolerance** | ±1% (F) | Precision rating |
| **Package Size** | 0603 (1608 Metric) | 1.6mm x 0.8mm surface mount |
| **Power Rating** | 0.5W - 1W | High power density for its size |
| **Technology** | Metal Foil | High stability and low noise |
| **TCR** | ±50 to ±100 ppm/°C | Temperature Coefficient of Resistance |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **MFC**: Metal Foil Chip (Series).
* **0603**: Physical dimensions (0.06 x 0.03 inches).
* **R002**: Resistance value (R denotes decimal; 002 = 2 milliohms).
* **F**: Tolerance code (F = ±1%).
* **T4**: Packaging/Taping code (usually refers to 4k or specific reel sizing).
---
### 3. Core Features and Applications
#### Features
* **Low Inductance:** Metal foil construction minimizes inductive effects, making it ideal for high-frequency switching circuits.
* **High Power Dissipation:** Despite the small 0603 footprint, these parts are designed to handle significant current without overheating.
* **Thermal Stability:** Excellent TCR ensures the resistance value remains constant even as the component heats up during operation.
#### Common Applications
* **Power Management:** Battery protection boards (BMS) for smartphones and laptops.
* **DC-DC Converters:** Sensing output current for regulation.
* **Motor Control:** Monitoring phase currents in small brushless DC motors.
* **Consumer Electronics:** Current monitoring in chargers and portable devices.
---
### 4. Implementation Example (Basic Current Sensing)
To measure current ($I$), you measure the voltage drop ($V$) across this resistor and use Ohm's Law ($I = V/R$).
```c
// Example Calculation:
// If the measured voltage across the MFC0603-R002FT4 is 10mV:
float voltage = 0.010; // 10mV
float resistance = 0.002; // 2mOhm
float current = voltage / resistance; // Result: 5 Amperes
```
- ⤷What are the soldering requirements for 0603 metal foil resistors?
- ⤷ How does TCR affect the accuracy of current sensing in this part?
- ⤷ Can I replace this with a standard thick-film resistor of the same value?