MFC0402-R008FT4
AI

The **MFC0402-R008FT4** is a high-precision, surface-mount (SMD) metal foil low-ohmic chip resistor. It is primarily used for **current sensing** applications where stability and accuracy are critical.
---
### 1. Technical Specifications
The part number can be broken down into specific technical parameters:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Series** | MFC | Metal Foil Chip Resistor |
| **Case Size** | 0402 | 1.0mm x 0.5mm (Metric 1005) |
| **Resistance** | 0.008 $\Omega$ (8m$\Omega$) | Very low resistance for current sensing |
| **Tolerance** | ±1% (F) | High precision accuracy |
| **Packaging** | T4 | Tape and Reel (usually 4k or 10k pcs) |
| **Power Rating** | ~0.125W to 0.25W | Typical for this size/material |
---
### 2. Key Features
* **Metal Foil Technology:** Unlike standard thick-film resistors, metal foil provides superior stability, lower noise, and a lower Temperature Coefficient of Resistance (TCR).
* **Low TCR:** Typically maintains its resistance value accurately even as the component heats up during operation.
* **High Reliability:** Designed to handle pulse currents and thermal cycling better than standard resistors.
* **Non-Inductive:** The construction minimizes inductance, making it suitable for high-frequency switching circuits.
---
### 3. Functional Applications
The MFC0402-R008FT4 is used as a **Shunt Resistor**. Its primary job is to allow a small voltage drop to be measured by an IC to determine the current flowing through a circuit ($V = I \times R$).
* **Power Management:** Battery protection boards (BMS) for smartphones and tablets.
* **DC-DC Converters:** Monitoring output current for overcurrent protection.
* **Consumer Electronics:** Power adapters and high-efficiency chargers.
* **Automotive:** Small-scale sensor modules and infotainment power rails.
---
### 4. Design Considerations
When using an 8m$\Omega$ resistor in an 0402 package, engineers must consider:
1. **Kelvin Connection:** Because the resistance is so low, the PCB trace resistance can interfere with readings. A 4-terminal (Kelvin) layout is recommended.
2. **Thermal Dissipation:** While small, the resistor generates heat. Ensure the PCB copper planes are sufficient to sink the heat away from the 0402 footprint.
- ⤷
How does metal foil technology compare to thick film for current sensing?
- ⤷ What is the typical Temperature Coefficient (TCR) for the MFC series?
- ⤷ Can this resistor be used in automotive-grade applications (AEC-Q200)?