công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MFC0402-R005JT4

  • AI
    The **MFC0402-R005JT4** is a specialized passive electronic component, specifically a **Metal Foil Current Sense Chip Resistor**. These components are designed to measure current flow by monitoring the voltage drop across a known low-resistance element. --- ### 1. Technical Specifications The part number follows a standard coding convention for manufacturers like **Tateyama** or **Walter**. Here is the breakdown of its core characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | 5 mΩ (0.005 Ω) | Extremely low resistance for minimal power loss. | | **Package Size** | 0402 (Metric 1005) | 1.0mm x 0.5mm (Ultra-small footprint). | | **Tolerance** | ±5% (J) | Indicates the allowable variance from the nominal 5mΩ. | | **Technology** | Metal Foil | Provides high stability and low Temperature Coefficient (TCR). | | **Packaging** | Tape & Reel (T4) | 4,000 or 10,000 pieces per reel (standard for SMT). | --- ### 2. Key Features * **High Precision:** Unlike standard thick-film resistors, metal foil construction provides better accuracy and thermal stability. * **Low Inductance:** Necessary for high-frequency switching environments to prevent signal noise. * **Heat Dissipation:** Despite its small 0402 size, the metal foil construction allows for efficient heat transfer to the PCB pads. --- ### 3. Common Applications Due to its tiny size and low resistance value, this part is typically found in: 1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in smartphones and wearables. 2. **DC-DC Converters:** Sensing current for feedback loops in power regulation. 3. **Over-current Protection:** Triggering safety shutdowns if the current exceeds a specific threshold. 4. **CPU/GPU Power Rails:** Managing high-current power delivery in compact computing devices. --- ### 4. Part Number Decoder If you are cross-referencing this with other brands, here is how to read the string: | Segment | Meaning | | :--- | :--- | | **MFC** | **M**etal **F**oil **C**hip (Series Type) | | **0402** | Dimensions (0.04 x 0.02 inches) | | **R005** | Resistance Value (R = Decimal point; 0.005 Ohms) | | **J** | Tolerance Code (J = ±5%) | | **T4** | Packaging Code (Taping/Reel quantity) | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power rating (Wattage) for an 0402 metal foil resistor?
    • ⤷ How does metal foil technology compare to thick film for current sensing?
    • ⤷ Are there 1% tolerance alternatives for this specific part?