MFC0402-R005GT4
AI

The **MFC0402-R005GT4** is a high-precision, low-resistance chip resistor primarily used for current sensing applications. It is part of the **Metal Foil** series, which offers superior stability compared to standard thick-film resistors.
### 1. Part Number Breakdown
To understand the component, we can decode the manufacturer's nomenclature:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | MFC | Metal Foil Chip Resistor (High Power/Low Ohmic) |
| **Size** | 0402 | Inch code (1.0 x 0.5 mm) |
| **Value** | R005 | 0.005 Ohms (5 mΩ) |
| **Tolerance** | G | ± 2% |
| **Packaging** | T4 | Tape & Reel (standard quantity/pitch) |
---
### 2. Key Technical Specifications
These parameters define the electrical and physical limits of the component:
* **Resistance Value:** 5 mΩ (0.005 Ω).
* **Power Rating:** Typically 0.25W to 0.5W (depending on the specific manufacturer series, though 0402 foil is usually high-power density).
* **Tolerance:** ± 2%.
* **Temperature Coefficient of Resistance (TCR):** Usually ±50 ppm/°C to ±100 ppm/°C.
* **Operating Temperature:** -55°C to +155°C.
---
### 3. Construction and Materials
Unlike standard resistors that use a ruthenium oxide paste, the **MFC** series uses a **Metal Foil** element.
* **Metal Foil Element:** Provides a very low and stable resistance path.
* **Heat Dissipation:** The metal construction allows for better thermal management in a tiny 0402 footprint.
* **Inductance:** Low parasitic inductance, making it suitable for high-frequency switching circuits.
---
### 4. Common Applications
This part is specifically designed for **Current Sensing** (Shunt) duties:
1. **Battery Management Systems (BMS):** Measuring charge and discharge currents in smartphones or small portable electronics.
2. **DC-DC Converters:** Providing feedback for over-current protection (OCP).
3. **Power Inverters:** Monitoring power stages in miniature modules.
4. **Motor Control:** Detecting phase currents in small brushless DC (BLDC) motors.
---
### 5. Implementation Example
In a typical circuit, the resistor is placed in series with the load. The voltage drop across it is measured by a Current Sense Amplifier.
```cpp
// Ohm's Law Calculation for MFC0402-R005GT4
float resistance = 0.005; // 5 mOhms
float measured_voltage = 0.010; // Example 10mV drop
float current = measured_voltage / resistance;
// Result: 2.0 Amperes
```
- ⤷What are the advantages of Metal Foil resistors over Thick Film for current sensing?
- ⤷ How does the power rating change with ambient temperature for this component?
- ⤷ What are common alternatives to the 0402 size for higher current applications?