công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MFC0402-R005FT5

  • AI
    The **MFC0402-R005FT5** is a high-precision, surface-mount (SMD) metal foil low-ohmic chip resistor. It is primarily used for **current sensing** applications where high accuracy and stability are required. --- ### ## 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's core specifications: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **MFC** | Series | Metal Foil Low-Ohmic Chip Resistor | | **0402** | Case Size | 0.4 x 0.2 inches (approx. 1.0 x 0.5 mm) | | **R005** | Resistance | 0.005 $\Omega$ (or 5 m$\Omega$) | | **F** | Tolerance | $\pm$1% | | **T5** | Packaging | Taping (Reel) - usually 5k or 10k per reel | --- ### ## 2. Technical Specifications This component is designed to handle current measurement with minimal power loss and high thermal stability. * **Resistance Value:** 5 m$\Omega$ (Milliohms) * **Power Rating:** Typically 0.125W to 0.25W (depending on manufacturer thermal management) * **Temperature Coefficient (TCR):** Usually low (e.g., $\pm$50 to $\pm$100 ppm/°C), ensuring the resistance doesn't drift significantly as the circuit heats up. * **Construction:** Metal foil on a ceramic substrate, providing better performance than standard thick-film resistors. --- ### ## 3. Key Features 1. **Low Inductance:** The metal foil construction results in very low self-inductance, making it ideal for high-frequency switching applications. 2. **High Precision:** The 1% tolerance (F) allows for accurate current measurement in feedback loops. 3. **Miniature Size:** The 0402 footprint is essential for compact modern electronics like smartphones and wearables. 4. **Low Thermal EMF:** Minimizes errors caused by temperature gradients across the component. --- ### ## 4. Common Applications Since this is a shunt (current sensing) resistor, it is found in: * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Li-ion batteries. * **DC-DC Converters:** Providing current feedback for voltage regulation. * **Power Modules:** Over-current protection circuits. * **Mobile Devices:** Power management IC (PMIC) peripheral circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its power rating?
    • ⤷ How does a metal foil resistor compare to a thick film resistor in terms of noise?
    • ⤷ Can you provide the specific landing pattern dimensions for an 0402 package?