công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MFC0402-R005FT10

  • AI
    The **MFC0402-R005FT10** is a high-precision, low-resistance chip resistor designed primarily for current sensing applications. It belongs to the **Metal Foil** technology category, which offers superior stability compared to standard thick-film resistors. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific technical characteristics: | Code Segment | Property | Value/Description | | :--- | :--- | :--- | | **MFC** | Series | Metal Foil Current Sensing Resistor | | **0402** | Package Size | 0.4 x 0.2 inches (Metric 1005) | | **R005** | Resistance | 0.005 $\Omega$ (5 m$\Omega$) | | **F** | Tolerance | $\pm 1\%$ | | **T10** | Packaging | Tape & Reel (typically 10k pcs) | --- ### 2. Key Technical Specifications These are the typical operating parameters for this specific component: * **Resistance Value:** 5 m$\Omega$ (Milliohms). * **Power Rating:** Usually 0.125W (1/8W) to 0.2W depending on the specific manufacturer's thermal rating for the 0402 size. * **Temperature Coefficient (TCR):** Typically $\pm 50$ to $\pm 100$ ppm/°C. This ensures the resistance doesn't drift significantly as the part heats up. * **Construction:** Metal foil element on a ceramic substrate, providing low Inductance and low EMF. --- ### 3. Applications and Use Cases Because the resistance is extremely low (5m$\Omega$), this part is not used for limiting current in LEDs, but rather for **measuring** current. * **Current Sensing:** Placed in series with a load; the voltage drop across the resistor is measured ($V = I \times R$) to determine the current flow. * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in smartphones or small portable electronics. * **DC-DC Converters:** Used in the feedback loop for over-current protection (OCP). * **Power Modules:** Monitoring power consumption in space-constrained IoT devices. --- ### 4. Advantages of Metal Foil (MFC) Using a Metal Foil resistor like the MFC0402 instead of a standard Thick Film resistor provides several benefits: 1. **High Precision:** Maintains a very tight tolerance over time. 2. **Low Noise:** Metal foil has lower thermal noise, which is critical when measuring small voltage drops (millivolts). 3. **Reliability:** Better power handling and pulse endurance compared to standard film resistors of the same size. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the power dissipation for this resistor if my current is 2 Amps?
    • ⤷ What are the footprint dimensions for a 0402 SMD component in millimeters?
    • ⤷ Can this resistor be used for high-frequency RF applications?