công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MFBA2V1005-121-R

  • AI
    ### Electronic Component Overview: MFBA2V1005-121-R The **MFBA2V1005-121-R** is a Surface Mount Device (SMD) Multilayer Ferrite Chip Bead. It is primarily used for Noise Suppression and EMI (Electromagnetic Interference) filtering in electronic circuits. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **MFBA** | Series Type | Multilayer Ferrite Bead (A-series usually denotes high current/standard) | | **2V** | Material/Process | Specific material composition for impedance characteristics | | **1005** | Case Size (Metric) | 1.0mm x 0.5mm (equivalent to **0402** in Imperial units) | | **121** | Impedance Value | $12 \times 10^1 = 120 \, \Omega$ (measured at 100 MHz) | | **-R** | Packaging | Typically refers to Tape & Reel packaging | --- ### 2. Technical Specifications Key electrical parameters for this component generally include: * **Impedance:** 120 $\Omega$ (±25%) at 100 MHz. * **DC Resistance (DCR):** Low resistance (typically $<0.2 \, \Omega$ to $0.8 \, \Omega$ depending on manufacturer) to minimize power loss. * **Rated Current:** The maximum continuous DC current it can handle without overheating (usually between $100\text{mA}$ to $500\text{mA}$). * **Operating Temperature:** $-55^\circ\text{C}$ to $+125^\circ\text{C}$. --- ### 3. Functional Application Ferrite beads act as a **high-frequency resistor**. Unlike an inductor that stores energy, a ferrite bead dissipates high-frequency noise as heat. #### Key Uses: 1. **Power Supply Filtering:** Placed on VCC lines to prevent high-frequency noise from reaching sensitive ICs. 2. **I/O Signal Integrity:** Used on data lines to reduce "ringing" and electromagnetic radiation. 3. **Isolation:** Separating analog and digital ground/power planes to reduce cross-talk. --- ### 4. Typical Footprint (0402 / 1005) ```text 0.5mm <-----> +-------+ ^ | [ ] | | 1.0mm +-------+ v ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the MFBA2V1005-121-R?
    • ⤷ How does impedance change with frequency for this ferrite bead?
    • ⤷ What are the recommended soldering profiles for 1005 size SMD components?