MF1303T-R47
AI

The **MF1303T-R47** is a high-performance **Surface Mount (SMD) Power Inductor**, typically utilized in high-current power supply circuits like DC-DC converters. It is characterized by its molded construction, which offers excellent magnetic shielding and low acoustic noise.
---
### 1. Key Technical Specifications
The "R47" in the part number signifies its inductance value. Below are the typical electrical parameters for this component:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% (M) |
| **DC Resistance (DCR)** | ~2.5 mΩ (Typ) / ~3.0 mΩ (Max) |
| **Saturation Current (Isat)** | ~20A - 25A (typical for this size) |
| **Heat Rating Current (Irms)** | ~15A - 18A |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 1303 (Approx. 13.5 x 12.5 x 3.5 mm) |
---
### 2. Core Construction & Materials
The MF1303T-R47 belongs to the **Molded Power Inductor** family. Its construction includes:
* **Magnetic Metal Powder Core:** Unlike traditional ferrite cores, these use a metallic powder mixture pressed around the coil. This allows for a "soft saturation" characteristic (the inductance drops gradually rather than abruptly as current increases).
* **Shielded Design:** The molded body acts as a natural magnetic shield, reducing Electromagnetic Interference (EMI) with neighboring components.
* **Flat Wire/Heavy Gauge Coil:** To achieve such low DCR (Direct Current Resistance) and high current handling, it uses thick copper windings.
---
### 3. Common Applications
Due to its high current capacity and low profile, it is commonly found in:
1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in servers and laptops.
2. **DC-DC Converters:** Point-of-Load (POL) power supplies.
3. **Automotive Electronics:** Power management for infotainment or ADAS systems.
4. **Battery Powered Devices:** High-efficiency power stages where heat dissipation must be minimized.
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary slightly by manufacturer (such as Maglayers or Cyntec), the breakdown usually follows this logic:
| Code | Meaning |
| :--- | :--- |
| **MF** | Series Series (Metal Alloy / Molded) |
| **1303** | Physical dimensions (approx. 13mm x 13mm) |
| **T** | Packaging (usually Tape & Reel) |
| **R47** | Inductance value (R = decimal point; 0.47 microhenries) |
---
- ⤷
What are the main advantages of using a metal powder core over a standard ferrite core?
- ⤷ How does the 'soft saturation' characteristic affect circuit stability?
- ⤷ Which specific manufacturers produce the MF1303 series inductors?