công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MF1303T-R22

  • AI
    The **MF1303T-R22** is a high-performance **surface-mount power inductor**, typically designed for high-current applications in compact electronic devices. This part belongs to a class of metal composite inductors known for their stability and efficiency. --- ### 1. Key Technical Specifications The part number follows a standard nomenclature where "R22" indicates the inductance value. | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 0.22 µH (Microhenries) | | **Type** | Shielded Surface Mount (SMD) | | **Material** | Metal Alloy / Composite Core | | **Current Rating (Isat)** | High Saturation Current (typically >15A depending on size) | | **DCR (Direct Current Resistance)** | Ultra-low (measured in mΩ) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Features * **Metal Composite Technology:** The core is made of a metal powder mixture. This allows for a "soft saturation" characteristic, meaning the inductance doesn't drop off abruptly when current increases. * **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components. * **Low DCR:** Because the copper wire is thick and the path is short, it has very low resistance, which minimizes heat generation and power loss. * **High Frequency Performance:** Optimized for DC-DC converters switching at high frequencies (up to several MHz). --- ### 3. Application Use Cases The MF1303T-R22 is primarily used in **Voltage Regulator Modules (VRM)** and power management circuits for: 1. **Consumer Electronics:** Smartphones, tablets, and ultra-thin laptops. 2. **Computing:** GPU and CPU power supplies where high current and low profile are required. 3. **DC-DC Converters:** Point-of-Load (POL) converters that step down voltage for sensitive digital ICs. --- ### 4. Layout Recommendations When integrating this part into a PCB, follow these best practices: ```markdown - Keep the inductor as close to the switching IC as possible. - Use wide copper traces to handle high saturation currents. - Avoid running sensitive signal lines directly underneath the inductor. - Ensure large thermal vias are nearby if the part is expected to operate at peak current. ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of 'soft saturation' in metal inductors?
    • ⤷ How does the DCR of the MF1303T-R22 affect overall power efficiency?
    • ⤷ What are the physical dimensions of the 1303 package size?