công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MF-RX300SLASH72

  • AI
    ### MF-RX300/72: Electronic Component Overview The **MF-RX300/72** is a specific model of a **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. These components are commonly referred to as "multifuses" or "polyfuses." --- ### 1. Key Technical Specifications The following table outlines the critical electrical parameters for this specific part: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Ihold (Hold Current)** | 3.00 Amperes | The maximum current the device can carry without tripping. | | **Itrip (Trip Current)** | 6.00 Amperes | The minimum current at which the device will switch to high resistance. | | **Vmax (Max Voltage)** | 72 Volts | The maximum voltage the device can withstand without damage. | | **Imax (Max Current)** | 40 Amperes | The maximum fault current the device can safely interrupt. | | **Pd (Power Dissipation)** | 2.6 Watts | Power dissipated when the device is in a tripped state. | | **Mounting Type** | Radial Leaded | Through-hole mounting with two wire leads. | --- ### 2. How it Works (The PTC Effect) The MF-RX300/72 acts as a self-repairing safety switch in a circuit: 1. **Normal Operation:** At rated currents (under 3.0A), the device maintains a very low resistance, allowing current to flow freely. 2. **Fault Condition:** If an overcurrent (up to 6.0A) or short circuit occurs, the internal polymer heats up rapidly. 3. **Tripping:** The heat causes the polymer to expand and change from a crystalline to an amorphous state, increasing resistance by several orders of magnitude. This "chokes" the current to a safe leakage level. 4. **Resetting:** Once the fault is removed and the power is cycled or the device cools down, the polymer contracts, and the device returns to a low-resistance state. --- ### 3. Physical Characteristics and Identification * **Suffix "/72":** This indicates the voltage rating is specifically **72V**. Standard "MF-RX" series parts often have lower voltage ratings (like 60V), so the /72 is designed for higher voltage applications like telecommunications or industrial controls. * **Form Factor:** It is a circular/rectangular disc coated in a yellow or tan flame-retardant epoxy polymer. * **Lead Spacing:** Typically 5.1mm or 10.2mm depending on the specific sub-series. --- ### 4. Common Applications * **Security Systems:** Protecting sensors and control panels. * **Industrial Controls:** Safeguarding against motor stalls or wiring shorts. * **Telecommunications:** Used in line cards and power supplies where 48V-60V systems are common. * **Power Supplies:** Providing overcurrent protection for DC-DC converters. ---
    ✨ Follow-up Questions
    • What is the difference between a PPTC and a standard one-time fuse?
    • How does ambient temperature affect the hold current (Ihold) of the MF-RX300/72?
    • Is the MF-RX300/72 suitable for AC voltage applications or only DC?