MF-RX300/72
AI

## Overview of MF-RX300/72
The **MF-RX300/72** is a specific model of **PTC (Positive Temperature Coefficient) Resettable Fuse**, manufactured primarily by Bourns. These components are used for overcurrent protection in electronic circuits. Unlike traditional fuses that blow and must be replaced, these "reset" themselves once the fault condition is removed and the temperature drops.
---
### Technical Specifications
The table below outlines the primary electrical characteristics for the MF-RX300/72:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Hold Current ($I_{hold}$)** | 3.00 Amps | Maximum current the device will pass without tripping. |
| **Trip Current ($I_{trip}$)** | 6.00 Amps | Minimum current at which the device will switch to high resistance. |
| **Max Voltage ($V_{max}$)** | 72 Volts | Maximum voltage the device can withstand without damage. |
| **Max Current ($I_{max}$)** | 40 Amps | Maximum fault current the device can safely interrupt. |
| **Resistance ($R_{min}/R1_{max}$)** | 0.05 / 0.12 $\Omega$ | Initial resistance range of the device at $23^\circ C$. |
| **Power Dissipation** | 3.0 Watts | Power dissipated when the device is in a tripped state. |
---
### Key Features and Construction
1. **Radial Leaded Package:** The "RX" series indicates a through-hole design with two metal leads protruding from a circular or rectangular epoxy-coated body.
2. **Polymeric Material:** It consists of a non-conductive polymer matrix mixed with conductive carbon black particles.
3. **72V Rating:** This specific model is rated for higher voltage applications (up to 72V) compared to standard 16V or 30V PTCs, making it suitable for industrial and telecom power supplies.
---
### How It Functions
The operation follows a thermal-electrical cycle:
* **Normal State:** The carbon particles form a conductive chain, allowing current to flow with very low resistance.
* **Overcurrent Event:** Excessive current causes $I^2R$ heating. When the temperature reaches the "Curie Point," the polymer expands.
* **Tripped State:** The expansion breaks the carbon chains, causing the resistance to increase exponentially, effectively "opening" the circuit.
* **Resetting:** Once the power is disconnected and the device cools, the polymer contracts, the carbon chains reconnect, and the device returns to a low-resistance state.
---
### Common Applications
* **Industrial Controls:** Protecting motor circuits and sensors.
* **Telecommunications:** Protection against power cross and lightning surges.
* **Power Supplies:** Used in transformers and DC-to-DC converters.
* **Security Systems:** Overcurrent protection for alarms and surveillance hardware.
---
- ⤷How does ambient temperature affect the hold current of the MF-RX300/72?
- ⤷ What is the typical 'Time-to-Trip' for this component at 15 Amps?
- ⤷ Can this PTC be used in AC voltage applications or is it DC only?