AI

## Technical Overview: Bourns MF-RX250U
The **MF-RX250U** is a Radial Leaded Polymer Positive Temperature Coefficient (PPTC) resettable fuse, manufactured by Bourns. It is designed to protect electronic circuits from overcurrent and short-circuit conditions.
### 1. Key Technical Specifications
Below is a summary of the electrical and physical characteristics of the MF-RX250U:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Ihold** | 2.50 Amps | Maximum current the device will pass without tripping. |
| **Itrip** | 5.00 Amps | Minimum current at which the device will trip. |
| **Vmax** | 60 Volts | Maximum voltage the device can withstand without damage. |
| **Imax** | 40 Amps | Maximum fault current the device can safely interrupt. |
| **Pd (typ.)** | 2.50 Watts | Power dissipated from the device when in tripped state. |
| **Rmin / R1max** | 0.05Ω / 0.13Ω | Resistance range (initial minimum to post-trip maximum). |
| **Operating Temp** | -40°C to +85°C | The functional temperature range of the component. |
---
### 2. Functional Principles
The MF-RX250U operates on the **PTC (Positive Temperature Coefficient)** principle:
1. **Normal Operation:** At standard operating currents, the polymer material contains conductive carbon chains, resulting in low resistance.
2. **Fault Condition:** When an overcurrent occurs, the internal temperature of the device rises (Joule heating). Once it reaches the "trip" temperature, the polymer expands.
3. **High Resistance State:** The expansion breaks the carbon chains, causing the resistance to increase exponentially, effectively limiting the current to a safe leakage level.
4. **Resetting:** Once the fault is removed and the power is cycled or the device cools down, the polymer contracts, the carbon chains reconnect, and the device returns to a low-resistance state.
---
### 3. Physical Dimensions and Construction
The "U" suffix typically denotes specific lead or packaging variations (often un-coated or specific lead spacing), though generally, it follows the MF-RX series radial lead form.
* **Lead Material:** Tin-plated copper.
* **Insulation:** Flame retardant epoxy polymer (conforming to UL 94V-0).
* **Mounting Type:** Through-hole (Radial leads).
### 4. Common Applications
Due to its 60V rating and 2.5A hold current, it is commonly used in:
* **Power Supplies:** Protection against output shorts.
* **Industrial Controls:** Protecting sensors and actuators.
* **Automotive Electronics:** Protection for motors and accessory circuits.
* **IEEE 1394 / USB Ports:** Safeguarding high-current data ports.
---
- ⤷
What is the difference between the MF-RX250 and the MF-RX250U variant?
- ⤷ How does ambient temperature affect the 'Ihold' rating of this PPTC?
- ⤷ Can this resettable fuse be used in series with a standard glass fuse?