AI

## Overview of MF-RX250-2
The **MF-RX250-2** is a specific model of a **Polymer Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. It is part of the Multifuse® MF-RX series, designed to provide overcurrent protection for electronic circuits.
Unlike traditional fuses that melt and must be replaced, a PPTC "trips" into a high-resistance state when a fault occurs and resets itself once the fault is removed and the power is cycled.
---
### Technical Specifications
The following table outlines the primary electrical characteristics of the MF-RX250-2:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **$I_{hold}$** | 2.50 A | Maximum current at which the device will not trip. |
| **$I_{trip}$** | 5.00 A | Minimum current at which the device will always trip. |
| **$V_{max}$** | 60 V | Maximum voltage the device can withstand without damage. |
| **$I_{max}$** | 40 A | Maximum fault current the device can safely interrupt. |
| **$P_d$ (Typ.)** | 2.5 W | Power dissipated from the device when in tripped state. |
| **$R_{min}$** | 0.05 $\Omega$ | Minimum resistance before tripping. |
| **$R1_{max}$** | 0.13 $\Omega$ | Max resistance measured one hour after tripping. |
---
### Key Features and Construction
- **Form Factor:** Radial leaded package (through-hole mounting).
- **Material:** Conductive polymer matrix blended with carbon black.
- **Packaging:** The "-2" suffix specifically indicates **Tape and Reel** packaging (ideal for automated assembly).
- **Agency Approvals:** Generally UL, CSA, and TUV recognized.
---
### How it Works
The operation of the MF-RX250-2 is based on a thermal-electrical cycle:
1. **Normal State:** The polymer is in a crystalline state with conductive carbon chains, allowing current to flow with low resistance.
2. **Fault State:** Excess current generates heat ($I^2R$). Once the "Trip" temperature is reached, the polymer expands and becomes amorphous.
3. **High Resistance:** The carbon chains break apart, causing the resistance to spike, limiting the current to a safe leakage level.
4. **Reset:** Once the fault is cleared and the device cools down, the polymer re-crystallizes, and the device returns to a low-resistance state.
---
### Typical Applications
- **Industrial Controls:** Protection for motors and transformers.
- **Power Supplies:** Overcurrent protection for DC power ports.
- **Consumer Electronics:** Protection for speakers and high-end audio equipment.
- **Automotive:** Protection for small motors and electronic control units (ECUs).
- ⤷What is the difference between MF-RX250 and MF-RX250-2?
- ⤷ How do ambient temperature changes affect the trip current of this device?
- ⤷ What are the soldering precautions for radial leaded PPTCs?