công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MF-RX250/72

  • AI
    The **MF-RX250/72** is a specific model of a **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. It is commonly used in electronic circuits to protect against overcurrent and short-circuit conditions. ### 1. Key Technical Specifications The model number provides specific data about its performance characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 2.50 Amps | The maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 5.00 Amps | The minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 72 Volts | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 40 Amps | The maximum fault current the device can safely interrupt. | | **Power Dissipation** | 2.5 Watts | The power dissipated by the device when in the tripped state. | | **Mounting Type** | Through-Hole | Radial leaded package for PCB mounting. | --- ### 2. How it Works (The PPTC Principle) Unlike a standard one-time fuse that melts and must be replaced, the MF-RX250/72 "resets" itself: 1. **Normal State:** The device has a very low resistance, allowing current to flow normally. 2. **Fault State:** If an overcurrent occurs, the internal polymer heats up. This causes a phase change in the material, increasing the resistance exponentially. 3. **Protection:** This high resistance effectively "opens" the circuit, limiting the current to a safe leakage level. 4. **Reset:** Once the fault is removed and the device cools down, the polymer returns to its conductive state. --- ### 3. Physical Characteristics The MF-RX250/72 belongs to the **MF-RX/72 series**, characterized by its circular or rectangular "teardrop" shape with two metal leads. * **Material:** Conductive polymer mixed with carbon black. * **Coating:** Flame retardant epoxy polymer (meeting UL 94V-0). * **Marking:** Usually marked with "RX250" and a date code. --- ### 4. Common Applications Due to its 72V rating and 2.5A hold current, this part is frequently found in: * **Security Systems:** Protecting sensors and control panels. * **Industrial Controls:** Protecting PLCs and I/O ports. * **Power Supplies:** Secondary side protection for transformers. * **Telecommunications:** Protection against power crosses or lightning surges. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a PPTC and a standard ceramic fuse?
    • ⤷ How does ambient temperature affect the trip current of the MF-RX250/72?
    • ⤷ What are the typical 'time-to-trip' values for this component?