MF-RX110/72
AI

The **MF-RX110/72** is a specific model of a **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. It is designed to protect electrical circuits from overcurrent and short-circuit conditions.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the MF-RX110/72:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **$I_{hold}$** | 1.10 Amps | The maximum current the device will carry without tripping. |
| **$I_{trip}$** | 2.20 Amps | The minimum current at which the device will switch to high resistance. |
| **$V_{max}$** | 72 Volts | The maximum voltage the device can withstand without damage. |
| **$I_{max}$** | 40 Amps | The maximum fault current the device can safely handle. |
| **$P_d$ (typ)** | 1.50 Watts | Power dissipated from the device when in a tripped state. |
| **$R_{min}$** | 0.150 $\Omega$ | Minimum resistance of the device at 23°C. |
| **$R_{1max}$** | 0.380 $\Omega$ | Maximum resistance measured one hour after tripping. |
---
### 2. Physical Construction and Package
* **Series:** MF-RX/72 (High voltage radial leaded series).
* **Material:** Conductive polymer mixed with carbon black.
* **Form Factor:** Radial leaded (Through-hole mounting).
* **Dimensions:** Typically circular or rectangular "disk" shape with two metal leads.
* **Coating:** Flame retardant epoxy polymer (meets UL 94V-0 requirements).
---
### 3. How it Works (The PTC Effect)
The MF-RX110/72 functions differently than a standard one-time fuse:
1. **Normal Operation:** At normal currents, the polymer is in a crystalline state with carbon chains forming conductive paths, resulting in low resistance.
2. **Fault Condition:** When an overcurrent occurs, the device heats up ($I^2R$ heating).
3. **Tripping:** Once the temperature reaches a critical point, the polymer expands into an amorphous state, breaking the carbon chains. The resistance increases exponentially.
4. **Resetting:** Once the fault is removed and the power is cycled (allowing the device to cool), the polymer shrinks, re-establishing the conductive paths.
---
### 4. Typical Applications
Because of its 72V rating, this part is commonly used in:
* **Security Systems:** Protecting sensors and control panels.
* **Industrial Controls:** Overcurrent protection for motors and transformers.
* **Power Supplies:** Secondary side protection.
* **Telecommunications:** Protection against power cross and lightning surges.
---
- ⤷
What is the difference between the MF-RX and the MF-R series?
- ⤷ How does ambient temperature affect the $I_{hold}$ rating of this fuse?
- ⤷ What are the advantages of using a resettable PPTC over a standard glass fuse?