AI

The **MF-RX065/72** is a specific model of a **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. These components are commonly used for overcurrent protection in electronic circuits.
---
### 1. General Specifications
The part number can be decoded to understand its primary characteristics. The "065" refers to the hold current, and the "72" refers to the maximum voltage rating.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Hold Current ($I_{hold}$)** | 0.65 A | The maximum current the device will pass without tripping at 23°C. |
| **Trip Current ($I_{trip}$)** | 1.30 A | The minimum current at which the device will switch to a high-resistance state. |
| **Max Voltage ($V_{max}$)** | 72 V | The maximum voltage the device can withstand without damage. |
| **Max Current ($I_{max}$)** | 40 A | The maximum fault current the device can safely handle. |
| **Typical Power ($P_d$)** | 0.72 W | Power dissipated by the device when in a tripped state. |
---
### 2. Physical and Material Characteristics
The MF-RX series is characterized by its "radial lead" package, which is designed for through-hole mounting on Printed Circuit Boards (PCBs).
* **Material:** Conductive polymer combined with carbon black particles.
* **Form Factor:** Circular or rectangular "teardrop" shape with two metal leads.
* **Encapsulation:** Epoxy polymer (Flame retardant to UL 94V-0).
---
### 3. How it Works (Theory of Operation)
Unlike a standard one-time fuse, the MF-RX065/72 is **resettable**.
1. **Normal State:** Under normal current levels, the polymer is in a crystalline state, and the carbon particles form conductive paths. Resistance is low.
2. **Trip State:** When an overcurrent occurs, the $I^2R$ heating causes the polymer to expand and turn into an amorphous state. This breaks the carbon paths, causing resistance to spike instantly.
3. **Reset State:** Once the power is removed and the fault is cleared, the device cools down, the polymer shrinks, and the conductive paths are restored.
---
### 4. Typical Applications
Because of its 72V rating, this part is ideal for applications where higher-than-logic voltages are present:
* **Security Systems:** Protecting sensors and control panels.
* **Industrial Controls:** Safeguarding PLC I/O ports.
* **Telecommunications:** Protection against power cross-contingencies.
* **Power Supplies:** Secondary protection for transformers and DC adapters.
---
### 5. Resistance Range
The resistance of the component changes based on its history and temperature:
```text
Rmin: 0.31 Ohms (Minimum resistance at 23°C)
Rmax: 0.72 Ohms (Maximum initial resistance at 23°C)
R1max: 1.15 Ohms (Maximum resistance one hour after tripping)
```
- ⤷
What is the difference between a PPTC and a standard glass fuse?
- ⤷ How does ambient temperature affect the trip current of the MF-RX065/72?
- ⤷ What is the typical 'Time to Trip' for this specific model at 5x the hold current?