công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MF-RX050/72

  • AI
    ## Technical Overview of MF-RX050/72 The **MF-RX050/72** is a **PPTC (Polymeric Positive Temperature Coefficient)** resettable fuse, commonly manufactured by Bourns. It is designed to protect electrical circuits from overcurrent and short-circuit conditions. Unlike traditional fuses that blow once, a PPTC "trips" to a high-resistance state and resets once the fault is removed and power is cycled. --- ### 1. Key Technical Specifications The "050" in the part number indicates the hold current, and the "72" indicates the maximum voltage rating. | Parameter | Value | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.50 Amps | The maximum current the device will carry without tripping. | | **Trip Current ($I_{trip}$)** | 1.00 Amps | The minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 72 Volts | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 40 Amps | The maximum fault current the device can safely handle. | | **Power Dissipation** | 0.77 Watts | The typical power dissipated when the device is in a tripped state. | | **Termination Style** | Radial Leaded | Through-hole mounting with circular wire leads. | --- ### 2. Physical and Material Characteristics * **Material:** Conductive polymer mixed with carbon black. Under normal conditions, the polymer is crystalline, allowing current to flow through carbon chains. * **Encapsulation:** Cured, flame-retardant epoxy polymer (meeting UL 94V-0 requirements). * **Form Factor:** Small disk-like shape with two parallel metal leads. --- ### 3. Functional Operation (The PTC Effect) The MF-RX050/72 operates based on thermal expansion: 1. **Normal State:** Resistance is very low (typically between $0.50 \Omega$ and $1.17 \Omega$). 2. **Overcurrent Event:** Excessive current causes $I^2R$ heating. 3. **Tripping:** When the device reaches its "Curie temperature," the polymer expands, breaking the conductive carbon chains. The resistance increases exponentially. 4. **Resetting:** Once the fault is cleared and the device cools down, the polymer contracts, re-establishing the conductive paths. --- ### 4. Common Applications * **Security Systems:** Protecting sensors and control panels. * **Industrial Controls:** Overcurrent protection for low-voltage motors and actuators. * **Power Supplies:** Protecting against output shorts in transformers or DC/DC converters. * **Telecommunications:** Protection for line cards and networking equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the typical time-to-trip for the MF-RX050/72 at 2.5 Amps?
    • ⤷ How does ambient temperature affect the hold current of this PPTC?
    • ⤷ What is the difference between the MF-RX and MF-RX/72 series?