MF-RX020/72
AI

### MF-RX020/72: Electronic Component Overview
The **MF-RX020/72** is a **PTC (Positive Temperature Coefficient) Resettable Fuse**, part of the Multifuse® line manufactured by Bourns. Unlike traditional fuses that blow and must be replaced, this component "trips" to a high-resistance state during an overcurrent event and resets once the fault is removed and the power is cycled.
---
### Key Specifications
Below is a technical summary of the device's electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Hold Current ($I_{hold}$)** | 0.20 A | The maximum current the device will pass without tripping. |
| **Trip Current ($I_{trip}$)** | 0.40 A | The minimum current at which the device will switch to high resistance. |
| **Max Voltage ($V_{max}$)** | 72 V | The maximum voltage the device can withstand without damage. |
| **Max Current ($I_{max}$)** | 40 A | The maximum fault current the device can safely interrupt. |
| **Power Dissipation** | 0.41 W | Typical power dissipated when in the tripped state. |
| **Resistance ($R_{min}/R_{max}$)** | 1.50 $\Omega$ / 2.84 $\Omega$ | The resistance range of the device in its initial state at 23°C. |
---
### Technical Functionality
#### 1. Material Composition
The device is made of a conductive polymer composite. Under normal conditions, conductive particles form low-resistance paths through the polymer, allowing current to flow.
#### 2. The Tripping Mechanism
When a fault occurs (short circuit or overcurrent):
* **$I^2R$ Heating:** The excessive current causes the internal temperature to rise.
* **Expansion:** The polymer reaches its phase transition temperature and expands.
* **High Resistance:** The expansion breaks the conductive chains, increasing resistance significantly and limiting the current to a safe leakage level.
#### 3. Temperature Derating
As a thermal device, its performance is highly dependent on ambient temperature.
* **High Ambient Temp:** The $I_{hold}$ decreases because less internal heating is required to reach the trip point.
* **Low Ambient Temp:** The $I_{hold}$ increases because more current is needed to generate sufficient heat.
---
### Physical Attributes
* **Package Type:** Through-hole (Radial Leaded).
* **Coating:** Cured, flame-retardant epoxy polymer (meets UL 94V-0).
* **Lead Material:** Tin-plated copper.
* **Dimensions:** Small form factor, typically ~7.4mm in diameter.
---
### Typical Applications
* **Security Systems:** Protection against wiring faults.
* **Industrial Controls:** Power supply protection for sensors and actuators.
* **Telecommunications:** Protection for line cards and networking equipment.
* **Transformers:** Used to prevent overheating in small power transformers.
- ⤷
What is the difference between the MF-RX020/72 and the standard MF-RX020 model?
- ⤷ How do I calculate the time-to-trip for this fuse at a specific current?
- ⤷ What are the mounting considerations for through-hole resettable fuses to ensure proper heat dissipation?