AI

The **MF-RX018/250-0** (also known as MF-RX018/250) is a specific electronic component known as a **Resettable PTC (Positive Temperature Coefficient) Fuse**, manufactured by Bourns. These devices are often called "Polyfuses" or "Multifuses."
---
### 1. Key Technical Specifications
Below are the critical electrical characteristics for this specific part:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Hold Current ($I_{hold}$)** | 0.18 A (180 mA) | The maximum current the device will pass without tripping. |
| **Trip Current ($I_{trip}$)** | 0.36 A (360 mA) | The minimum current at which the device is guaranteed to trip. |
| **Max Voltage ($V_{max}$)** | 250 V | Maximum voltage the device can withstand without damage. |
| **Max Current ($I_{max}$)** | 3.0 A | The maximum fault current the device can safely interrupt. |
| **Resistance ($R_{min}/R_{1max}$)** | 2.0 / 7.0 $\Omega$ | Resistance range before and after tripping. |
| **Mounting Type** | Through-Hole | Radial leaded package. |
---
### 2. Functional Principles
The MF-RX018/250-0 operates based on thermal physics:
1. **Normal Operation:** At currents below $I_{hold}$, the internal conductive polymer maintains a low-resistance path, allowing current to flow to the load.
2. **Fault Condition:** If a short circuit or overcurrent occurs ($I_{trip}$), the $I^2R$ heating causes the polymer to expand.
3. **Tripped State:** The expansion breaks the conductive chains, causing the resistance to increase exponentially, effectively "opening" the circuit.
4. **Resetting:** Once the fault is removed and the device cools down, the polymer contracts, the conductive paths reconnect, and the fuse resets to a low-resistance state.
---
### 3. Applications and Use Cases
Because of its high voltage rating (250V) and low hold current, this part is specifically designed for:
* **Telecommunications:** Protection against "power cross" (AC power lines touching phone lines).
* **Customer Premise Equipment (CPE):** Modems, routers, and set-top boxes.
* **Power Supplies:** Secondary protection for low-power transformers.
* **Industrial Controls:** Protecting signal lines from accidental high-voltage contact.
---
### 4. Comparison: PTC vs. Standard Fuse
| Feature | PTC (MF-RX018/250-0) | Standard Wire Fuse |
| :--- | :--- | :--- |
| **Life Cycle** | Resettable many times | One-time use (must be replaced) |
| **Speed** | Relatively slow (thermal) | Can be very fast (fast-blow) |
| **Resistance** | Higher | Very Low |
| **Leakage** | Small leakage current when tripped | Zero leakage (air gap) |
- ⤷
What is the difference between the hold current and the trip current in practical design?
- ⤷ How does ambient temperature affect the performance of this PTC fuse?
- ⤷ Are there surface-mount (SMD) equivalents for the MF-RX018 series?