công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MF-RX014U

  • AI
    ## Overview of the MF-RX014U The **MF-RX014U** is a specific model of **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. It is part of the MF-RX/72 series, designed to provide overcurrent protection for electronic circuits. Unlike traditional fuses that "blow" and must be replaced, a PPTC increases its resistance significantly during a fault condition and resets once the power is removed and the device cools down. --- ### Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.14 A | Maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 0.28 A | Minimum current at which the device will always trip. | | **Rated Voltage ($V_{max}$)** | 72 V | Maximum voltage the device can withstand without damage. | | **Maximum Current ($I_{max}$)** | 40 A | Maximum fault current the device can safely handle. | | **Power Dissipation ($P_d$ typical)** | 0.40 W | Power dissipated by the device when in tripped state. | | **Initial Resistance ($R_{min}/R_{max}$)** | 1.50 $\Omega$ to 6.00 $\Omega$ | Resistance range before the first trip. | --- ### Key Features and Construction * **Package Type:** Through-hole radial leaded (Circular/Rectangular disk shape). * **Material:** Conductive polymer composite. * **Resettable Nature:** Automatically returns to a low-resistance state after the fault is cleared and power is cycled. * **Agency Approvals:** Usually UL, CSA, and TUV recognized, ensuring safety standards for industrial and consumer use. --- ### How it Works (Theory of Operation) The MF-RX014U operates based on thermal expansion: 1. **Normal State:** The polymer contains conductive carbon black particles forming a path. Resistance is low. 2. **Fault State (Overcurrent):** Excessive current causes $I^2R$ heating. The polymer expands, breaking the carbon chains. 3. **Tripped State:** Resistance jumps several orders of magnitude, limiting the current to a safe "leakage" level. 4. **Reset:** Once the fault is removed, the polymer cools and contracts, re-establishing the conductive paths. --- ### Common Applications * **Security Systems:** Protecting sensors and control panels. * **Industrial Controls:** Overcurrent protection for low-voltage motors and actuators. * **Power Supplies:** Protecting against short circuits in DC power rails. * **Telecommunications:** Protection for line cards and networking equipment.
    ✨ Follow-up Questions
    • ⤷ What is the typical 'time-to-trip' for the MF-RX014U at higher currents?
    • ⤷ How does ambient temperature affect the hold current of this PPTC?
    • ⤷ What are the main differences between the MF-RX series and the MF-SM series?