công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MF-RHT750

  • AI
    ## Technical Overview of the MF-RHT750 The **MF-RHT750** is a specific model within the Bourns Multifuse® High-Temperature Resettable Fuse (PPTC) series. These components are designed to protect electronic circuits from overcurrent conditions, specifically in environments where high ambient temperatures are present. --- ### 1. Key Technical Specifications The table below summarizes the core electrical characteristics of the MF-RHT750: | Parameter | Value | Description | | :--- | :--- | :--- | | **$I_{hold}$** | 7.50 Amps | Maximum current at which the device will not trip (at 23°C). | | **$I_{trip}$** | 13.1 Amps | Minimum current at which the device will transition to a high resistance state. | | **$V_{max}$** | 16 Volts | Maximum voltage the device can withstand without damage. | | **$I_{max}$** | 100 Amps | Maximum fault current the device can safely handle. | | **$P_d$ (Typ.)** | 4.5 Watts | Power dissipated from the device when in the tripped state. | | **Operating Temp** | -40°C to +125°C | Designed for high-heat environments (e.g., automotive). | --- ### 2. Physical Construction and Form Factor * **Type:** Radial Leaded. * **Material:** Conductive polymer combined with carbon black. * **Terminals:** Tin-plated copper. * **Coating:** Flame-retardant epoxy polymer (meets UL 94V-0). --- ### 3. How it Works (PPTC Principle) The MF-RHT750 functions as a **Polymeric Positive Temperature Coefficient** device: 1. **Normal State:** The conductive particles form a low-resistance path, allowing current to flow to the load. 2. **Overcurrent/Overheat Event:** The high current causes $I^2R$ heating. The polymer expands, breaking the conductive chains. 3. **Tripped State:** The resistance increases exponentially, reducing the current to a safe leakage level. 4. **Reset:** Once the fault is removed and the device cools down, the polymer contracts, the chains reconnect, and the device returns to a low-resistance state. --- ### 4. Typical Applications Because of its high temperature rating (up to 125°C), this part is commonly used in: * **Automotive Electronics:** Engine control units, motor protection, and cooling fans. * **Industrial Controls:** Power supplies and heavy-duty sensors. * **Telecommunications:** Protection for infrastructure located in uncooled cabinets. ---
    ✨ Follow-up Questions
    • ⤷ What is the thermal derating curve for the MF-RHT750 at 85°C?
    • ⤷ How does the trip time of the MF-RHT750 compare to a standard fast-acting fuse?
    • ⤷ What are the PCB mounting recommendations for radial leaded PPTCs?