AI

## Overview of MF-R016/600
The **MF-R016/600** is a specialized electronic component known as a **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. It is part of the Multifuse® line, specifically designed for high-voltage applications like telecommunications.
---
### Technical Specifications
The following table details the primary electrical characteristics of the MF-R016/600:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Hold Current ($I_{hold}$)** | 0.16 A | The maximum current the device will pass without tripping. |
| **Trip Current ($I_{trip}$)** | 0.32 A | The minimum current at which the device will switch to high resistance. |
| **Max Voltage ($V_{max}$)** | 600 V | Maximum voltage the device can withstand without damage. |
| **Max Current ($I_{max}$)** | 3.0 A | Maximum fault current the device can safely interrupt. |
| **Typical Power ($P_d$)** | 1.0 W | Power dissipated by the device when in a tripped state. |
| **Initial Resistance ($R_{min}/R_{max}$)** | 4.0 - 10.0 $\Omega$ | Resistance range before the first trip event. |
---
### How It Works
1. **Normal Operation:** At standard operating currents, the conductive particles within the polymer form a low-resistance path, allowing current to flow freely.
2. **Fault Condition:** If an overcurrent or overtemperature event occurs, the polymer heats up and expands.
3. **Tripped State:** The expansion breaks the conductive paths, causing the resistance to increase exponentially, effectively "opening" the circuit.
4. **Resetting:** Once the fault is cleared and the device cools down, the polymer contracts, the conductive paths reconnect, and the fuse resets to a low-resistance state.
---
### Key Applications
Because of its high voltage rating (600V), this part is commonly used in:
* **Customer Premise Equipment (CPE):** Modems and routers.
* **Central Office Equipment:** Protection for analog line cards.
* **T1/E1/J1 Protection:** Telecommunication lines prone to power cross or lightning surges.
* **Set-top Boxes:** Protecting power supplies and input ports.
---
### Physical Characteristics
* **Package Type:** Radial Leaded (Through-hole).
* **Material:** Cured, flame-retardant epoxy polymer (meeting UL 94V-0 requirements).
* **Lead Material:** Tin-plated copper.
- ⤷
What is the difference between $I_{hold}$ and $I_{trip}$ in a PPTC fuse?
- ⤷ How does the ambient temperature affect the performance of the MF-R016/600?
- ⤷ Can this fuse be used in DC applications as well as AC?