MF-MSHT-LAB
AI

The **MF-MSHT-LAB** is a specialized laboratory kit designed for high-temperature testing and characterization of surface-mount components, typically associated with Bourns’ Multifuse® Resettable Fuse (PTC) product lines.
Below is an overview of the electronic components and technical specifications associated with this series.
---
## 1. Core Component: PPTC Resettable Fuses
The "MF" in the part number stands for **Multifuse**. These are Polymeric Positive Temperature Coefficient (PPTC) devices.
### Functional Behavior
| State | Resistance | Current Flow | Temperature |
| :--- | :--- | :--- | :--- |
| **Normal** | Very Low | Full Current | Ambient / Operational |
| **Fault (Trip)** | Very High | Negligible (Leakage) | High (Internal Heating) |
### Key Electronic Characteristics
* **$I_{hold}$ (Hold Current):** The maximum current the device can carry without tripping.
* **$I_{trip}$ (Trip Current):** The minimum current at which the device is guaranteed to switch to a high-resistance state.
* **$V_{max}$:** The maximum voltage the device can withstand without damage.
* **$R_{1max}$:** The maximum resistance measured one hour after reflow or tripping.
---
## 2. High-Temperature "HT" Series Features
The **MSHT** designation refers to **Medium Surface Mount (MS)** and **High Temperature (HT)**. These parts differ from standard electronics in their material composition:
* **Operating Temperature:** Rated up to **+125°C**, whereas standard PTCs are often limited to +85°C.
* **Applications:** Ideal for automotive (under-the-hood), industrial sensors, and high-density power supplies where ambient heat is significant.
* **Material:** Utilizes a specialized conductive polymer that maintains stability at elevated thermal baselines.
---
## 3. Package and Physical Specifications
The components within a Lab Kit usually follow standard SMD (Surface Mount Device) footprints to ensure compatibility with modern PCBs.
| Component Series | Package Size (EIA) | Typical Hold Current Range |
| :--- | :--- | :--- |
| **MF-MSHT020** | 1812 | 0.20 Amps |
| **MF-MSHT050** | 1812 | 0.50 Amps |
| **MF-MSHT125** | 1812 | 1.25 Amps |
| **MF-MSHT175** | 1812 | 1.75 Amps |
---
## 4. Why Use a "LAB" Kit?
The **MF-MSHT-LAB** kit is provided to electronic engineers for prototyping. It contains a variety of values so the designer can:
1. **Test Thermal Derating:** Verify how the fuse performs when the enclosure gets hot.
2. **Verify Trip Times:** Measure how long it takes for the circuit to shut down during a short circuit.
3. **Validate Footprints:** Ensure the 1812 (4532 metric) pad layout fits the PCB design.
---
- ⤷What is the difference between a PPTC and a standard one-time fuse in high-temperature environments?
- ⤷ How does thermal derating affect the hold current of the MF-MSHT series?
- ⤷ Can you provide the specific trip time formula for these PPTC devices?