MEX-F-13221-R
AI

The part number **MEX-F-13221-R** typically refers to a high-quality **Metallized Polypropylene Film Capacitor** (often categorized as an X2 suppression capacitor). These components are essential in power supply circuits for noise filtering and safety.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the MEX-F series, here are the general technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | Typically 0.001μF to 2.2μF (Specific to sub-code) |
| **Voltage Rating** | 275V AC / 300V AC / 310V AC |
| **Dielectric Material** | Metallized Polypropylene Film |
| **Safety Class** | X2 (Across-the-line applications) |
| **Tolerance** | ±10% (K) or ±20% (M) |
| **Operating Temp** | -40°C to +105°C / +110°C |
### 2. Physical and Material Construction
* **Encapsulation:** The internal element is housed in a flame-retardant plastic case (UL94V-0) and sealed with epoxy resin.
* **Self-Healing Property:** If a dielectric breakdown occurs due to an overvoltage spike, the metallized layer evaporates around the point of failure, "healing" the capacitor and preventing a short circuit.
* **Terminals:** Usually features tinned radial leads for Through-Hole Technology (THT) mounting on PCBs.
### 3. Applications and Usage
The "X2" designation means this part is specifically designed to be connected across AC power lines.
1. **EMI/RFI Filtering:** Reduces electromagnetic interference and radio frequency interference generated by the device or coming from the power grid.
2. **Power Supplies:** Used in Switched-Mode Power Supplies (SMPS) as a "safety" capacitor.
3. **Antenna Coupling:** Used in circuits where safety is paramount to prevent electric shock if the capacitor fails.
### 4. Safety Standards
Components like the MEX-F series are strictly regulated. They usually comply with:
* **UL/cUL:** North American safety standards.
* **VDE/ENEC:** European safety standards.
* **CQC:** Chinese safety certification.
---
### Summary Checklist for Identification
* **"MEX"**: Series name (Metallized Polypropylene).
* **"X2"**: Safety rating for use across AC mains.
* **"-R"**: Often denotes "RoHS Compliant" or a specific Lead Pitch/Taping style.
- ⤷
What is the exact capacitance value for the 13221 sub-code?
- ⤷ Can an X2 capacitor be used as a Y2 capacitor in a circuit?
- ⤷ What are the common failure modes of metallized film capacitors?